전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPD33680 데이터시트(PDF) 5 Page - Texas Instruments

부품명 FPD33680
상세설명  FPD33680 Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 480 Outputs for SXGA/UXGA Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FPD33680 데이터시트(HTML) 5 Page - Texas Instruments

  FPD33680 Datasheet HTML 1Page - Texas Instruments FPD33680 Datasheet HTML 2Page - Texas Instruments FPD33680 Datasheet HTML 3Page - Texas Instruments FPD33680 Datasheet HTML 4Page - Texas Instruments FPD33680 Datasheet HTML 5Page - Texas Instruments FPD33680 Datasheet HTML 6Page - Texas Instruments FPD33680 Datasheet HTML 7Page - Texas Instruments FPD33680 Datasheet HTML 8Page - Texas Instruments FPD33680 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AC Electrical Characteristics
Digital AC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PW
CLK
Clock Period
V
DD1 = 3.0 to 3.6V
11.7
ns
PW
CLK(L)
Low Clock Pulse Width
40%
60%
PW
CLK
PW
CLK(H)
High Clock Pulse Width
40%
60%
PW
CLK
t
setup1
RSDS Data Setup Time
2
ns
t
hold1
RSDS Data Hold Time
0
ns
t
setup2
ENIOx Setup Time
2
ns
t
hold2
ENIOx Hold Time
4
ns
t
PLH1
Start Pulse Fall Delay
C
LINE =15pF
8
ns
PW
DIO
ENIOx Pulse Width
1
2
PW
CLK
PW
CLK1
LOAD Pulse Width
5 T
CLK
5µs
t
LDT
Last Clock to LOAD Delay
1
PW
CLK
t
DENSU
LOAD to First ENIO Setup
2
PW
CLK
tPOL–CLK1
POL–CLK1 Time
14
ns
Analog AC Characteristics
Supplies: V
SS1 =VSS2 = 0.0V, VDD1 = 3.3V, VDD2 = +10.0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
settle 90%
Output Settling Time to 90% of
Final Value
Figure 2 (Note 11)
6µs
t
6-bit accy
Output Settling Time to 6-bit
accuracy
(Note 11)
10
µs
t
RP 90%
Repair Line Output Settling Time to
90% of Final Value
C
LOAD = 150 pF,
(Note 11)
6µs
t
RP 6-bit accy
Repair Line Output Settling Time to
6-bit accuracy
C
LOAD = 150 pF,
(Note 11)
10
µs
Note 11: VGMA1 = 9.8V, VGMA10 = 0.2V, VGMA5 = 5.2V, VGMA6 = 4.8V, [TIME0, TIME1] = [0,1].
20071011
FIGURE 2. Test Circuit for Output Settling Time Measurements
www.national.com
4


유사한 부품 번호 - FPD33680

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FPD33680 TI1-FPD33680_13 Datasheet
257Kb / 20P
[Old version datasheet]   Low Power, Low EMI, TFT-LCD Column Driver
More results

유사한 설명 - FPD33680

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
FPD33584 NSC-FPD33584 Datasheet
294Kb / 30P
   Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
FPD33684 NSC-FPD33684 Datasheet
232Kb / 15P
   Low Power, Low EMI, TFT-LCD Column Driver with RSDS??Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
FPD03784 NSC-FPD03784 Datasheet
202Kb / 12P
   Low Power, Low EMI, TFT-LCD Column Driver with Dual, TTL Bus Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
FPD87392 NSC-FPD87392 Datasheet
1Mb / 30P
   3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
FPD87392AXA NSC-FPD87392AXA Datasheet
135Kb / 4P
   3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
logo
Texas Instruments
FPD33584 TI1-FPD33584_13 Datasheet
336Kb / 34P
[Old version datasheet]   Low Power, Low EMI, TFT-LCD Column Driver
FPD33680 TI1-FPD33680_13 Datasheet
257Kb / 20P
[Old version datasheet]   Low Power, Low EMI, TFT-LCD Column Driver
logo
National Semiconductor ...
LMC7532 NSC-LMC7532 Datasheet
31Kb / 2P
   Low EMI, Low Power XGA/SVGA TFT-LCD Column Driver
FPD87346 NSC-FPD87346 Datasheet
105Kb / 3P
   Low EMI, Low Dynamic Power (SVGA) XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling (RSDS?? Outputs
FPD87208 NSC-FPD87208 Datasheet
1Mb / 20P
   2.5V Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller with Reduced Swing Differential Signaling RSDS??Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com