전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX400A5 데이터시트(PDF) 1 Page - Crydom Inc.,

부품명 CX400A5
상세설명  Ratings of 5A @ 660 VAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CRYDOM [Crydom Inc.,]
홈페이지  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CX400A5 데이터시트(HTML) 1 Page - Crydom Inc.,

  CX400A5 Datasheet HTML 1Page - Crydom Inc., CX400A5 Datasheet HTML 2Page - Crydom Inc., CX400A5 Datasheet HTML 3Page - Crydom Inc., CX400A5 Datasheet HTML 4Page - Crydom Inc., CX400A5 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CX Series
• SIP SSR
• Ratings of 5A @ 660 VAC
• SCR output for heavy industrial loads
• AC or DC control
• Zero-crossing (resistive loads) or random-fire (inductive loads) output
CE Compliant to EN60950-1
PRODUCT SELECTION
Control Voltage
5 A
5 A
5 A
3-15 VDC
CX240D5
4-15 VDC
CX380D5
CX480D5
15-32 VDC
CXE240D5
CXE380D5
CXE480D5
18-36 VAC
CXE240A5
90-140 VAC
CX240A5
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
CX240x5
CX380x5
CX480x5
Operating Voltage (47-63Hz) [Vrms]
12-280
48-530
48-660
Transient Overvoltage [Vpk]
600
1200
1200
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
0.1
0.1
0.1
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
500
500
500
Maximum Load Current [Arms]
5
5
5
Minimum Load Current [Arms]
0.06
0.06
0.06
Maximum Surge Current (16.6ms) [Apk]
250
250
250
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.4
1.4
1.4
Maximum I²t for fusing (8.3 msec) [A² sec]
260
260
260
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5


유사한 부품 번호 - CX400A5

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
   SPLITTER, 2-WAY
CX4004 PULSE-CX4004 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX4004L PULSE-CX4004L Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX4004LNL PULSE-CX4004LNL Datasheet
178Kb / 2P
   RF SPLITTER, 2-WAY
CX4005 PULSE-CX4005 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results

유사한 설명 - CX400A5

제조업체부품명데이터시트상세설명
logo
Crydom Inc.,
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
EL100D5-05 CRYDOM-EL100D5-05 Datasheet
704Kb / 5P
   Ratings of 5A and 10A 3-100 VDC
CL240D05 CRYDOM-CL240D05 Datasheet
673Kb / 5P
   Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
EZE240A12SR CRYDOM-EZE240A12SR Datasheet
796Kb / 5P
   Compact design for low-profile applications; Ratings from 5A to 18A @ 600 VAC
SDV2415R CRYDOM-SDV2415R Datasheet
608Kb / 5P
   Ratings to 1.5A @ 280 VAC
logo
Hammond Manufacturing L...
1584S3 HAMMOND-1584S3 Datasheet
78Kb / 1P
   Ratings - 125 VAC, 15 Amps
1584S20 HAMMOND-1584S20 Datasheet
76Kb / 1P
   Ratings - 125 VAC, 20 Amps
1584S10 HAMMOND-1584S10 Datasheet
80Kb / 1P
   Ratings - 250 VAC, 10 Amps
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415 Datasheet
815Kb / 4P
   SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com