전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL74LV04D 데이터시트(PDF) 5 Page - System Logic Semiconductor

부품명 SL74LV04D
상세설명  Hex Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SLS [System Logic Semiconductor]
홈페이지  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV04D 데이터시트(HTML) 5 Page - System Logic Semiconductor

  SL74LV04D Datasheet HTML 1Page - System Logic Semiconductor SL74LV04D Datasheet HTML 2Page - System Logic Semiconductor SL74LV04D Datasheet HTML 3Page - System Logic Semiconductor SL74LV04D Datasheet HTML 4Page - System Logic Semiconductor SL74LV04D Datasheet HTML 5Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SL74LV04
5
System Logic
Semiconductor
SLS
CHIP PAD DIAGRAM SL74LV04
Pad size 0.108 x 0.108 mm (Pad size is given as per
metallization layer)
Thickness of chip 0.46
± 0,02 mm
PAD LOCATION
Pad No
Symbol
X
Y
01
À1
0.111
0.228
02
Y1
0.333
0.111
03
A2
0.600
0.111
04
Y2
0.770
0.111
05
A3
1.006
0.111
06
Y3
1.138
0.293
07
GND
1.138
0.477
08
Y4
1.138
0.786
09
A4
1.006
0.970
10
Y5
0.771
0.970
11
A5
0.600
0.970
12
Y6
0.332
0.970
13
A6
0.111
0.855
14
Vcc
0.111
0.619
01
02
03
04
05
06
07
08
09
10
11
12
13
14
1.35 0.03
±
Chip marking
25LV04
(x=0.127; y=0.580)


유사한 부품 번호 - SL74LV04D

제조업체부품명데이터시트상세설명
logo
System Logic Semiconduc...
SL74LV00 SLS-SL74LV00 Datasheet
42Kb / 4P
   QUAN 2-INPUT NAND GATE
SL74LV08 SLS-SL74LV08 Datasheet
57Kb / 4P
   Quad 2-Input AND Gate
More results

유사한 설명 - SL74LV04D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com