전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF156JAN 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LF156JAN
상세설명  JFET Input Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LF156JAN 데이터시트(HTML) 5 Page - Texas Instruments

  LF156JAN Datasheet HTML 1Page - Texas Instruments LF156JAN Datasheet HTML 2Page - Texas Instruments LF156JAN Datasheet HTML 3Page - Texas Instruments LF156JAN Datasheet HTML 4Page - Texas Instruments LF156JAN Datasheet HTML 5Page - Texas Instruments LF156JAN Datasheet HTML 6Page - Texas Instruments LF156JAN Datasheet HTML 7Page - Texas Instruments LF156JAN Datasheet HTML 8Page - Texas Instruments LF156JAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LF156 Electrical Characteristics
DC Parameters
The following conditions apply, unless otherwise specified.
DC: V
CC = ±20V, VCM =0V
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
I
CC
Supply Current
+V
CC = 15V, -VCC = -15V
7.0
mA
1
6.0
mA
2
11
mA
3
V
IO
Input Offset Voltage
+V
CC = 5V, -VCC = -35V,
V
CM = 15V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
+V
CC = 35V, -VCC = -5V,
V
CM = -15V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
+V
CC = 5V, -VCC = -5V
-5.0
5.0
mV
1
-7.0
7.0
mV
2, 3
±I
IB
Input Bias Current
+V
CC = 5V, -VCC = -35V,
V
CM = 15V
-0.1
3.5
nA
1
-10
60
nA
2
+V
CC = 35V, -VCC = -5V,
V
CM = -15V
-0.1
0.1
nA
1
-10
50
nA
2
-0.1
0.1
nA
1
-10
50
nA
2
+V
CC = 5V, -VCC = -25V,
V
CM = 10V
-0.1
0.3
nA
1
-10
50
nA
2
I
IO
Input Offset Current
-0.02
0.02
nA
1
-20
+20
nA
2
+PSRR
Power Supply Rejection Ratio
+V
CC = 10V, -VCC = -20V
85
dB
1, 2, 3
-PSRR
Power Supply Rejection Ratio
+V
CC = 20V, -VCC = -10V
85
dB
1, 2, 3
CMR
Input Voltage Common Mode
Rejection
V
CM = -15V to 15V
85
dB
1, 2, 3
V
IO Adj(+)
Adjustment for Input Offset
Voltage
8.0
mV
1, 2, 3
V
IO Adj(-)
Adjustment for Input Offset
Voltage
-8.0
mV
1, 2, 3
+I
OS
Output Short Circuit Current
(For Positive Output)
+V
CC = 15V, -VCC = -15V,
t
≤ 25mS
-50
mA
1, 2, 3
-I
OS
Output Short Circuit Current
(For Negative Output)
+V
CC = 15V, -VCC = -15V,
t
≤ 25mS
50
mA
1, 2, 3
∆ V
IO/
∆T
Temperature Coefficient of
Input Offset Voltage
25˚C
≤ T
A
≤ +125˚C
(Note 7)
-30
30
µV/˚C
2
-55˚C
≤ T
A
≤ 25˚C
(Note 7)
-30
30
µV/˚C
3
-A
VS
Open Loop Voltage Gain
(Single Ended)
V
O = -15V, RL =2K
(Note 6)
50
V/mV
4
(Note 6)
25
V/mV
5, 6
+A
VS
Open Loop Voltage Gain
(Single Ended)
V
O = +15V, RL =2K
(Note 6)
50
V/mV
4
(Note 6)
25
V/mV
5, 6
A
VS
Open Loop Voltage Gain
(Single Ended)
V
CC = ±5V, VO = ±2V,
R
L =2K
(Note 6)
10
V/mV
4, 5, 6
-V
OP
Output Voltage Swing
V
CM = 20V, RL = 10K
-16
V
4,5,6
V
CM = 20V, RL =2K
-15
V
4,5,6
+V
OP
Output Voltage Swing
V
CM = -20V, RL = 10K
16
V
4,5,6
V
CM = -20V, RL =2K
15
V
4,5,6
www.national.com
4


유사한 부품 번호 - LF156JAN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LF156JAN TI1-LF156JAN Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
More results

유사한 설명 - LF156JAN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com