전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL74LV373D 데이터시트(PDF) 1 Page - System Logic Semiconductor

부품명 SL74LV373D
상세설명  OCTAL D-TYPE TRANSPARENT LATCH(3-State)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SLS [System Logic Semiconductor]
홈페이지  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL74LV373D 데이터시트(HTML) 1 Page - System Logic Semiconductor

  SL74LV373D Datasheet HTML 1Page - System Logic Semiconductor SL74LV373D Datasheet HTML 2Page - System Logic Semiconductor SL74LV373D Datasheet HTML 3Page - System Logic Semiconductor SL74LV373D Datasheet HTML 4Page - System Logic Semiconductor SL74LV373D Datasheet HTML 5Page - System Logic Semiconductor SL74LV373D Datasheet HTML 6Page - System Logic Semiconductor SL74LV373D Datasheet HTML 7Page - System Logic Semiconductor SL74LV373D Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SL74LV373
System Logic
Semiconductor
SLS
OCTAL D-TYPE TRANSPARENT LATCH
(3-State)
SL74LV373 are compatible by pinning with SL74HC373 and
SL74HCT373 series. Input voltage levels are compatible with
standard CMOS levels.
• Output voltage levels are compatible with input levels of CMOS,
NMOS and TTL ICS
• Voltage supply range: 2.0 to 3.2 V
• LOW input current: 1.0 µÀ; 0.1 µÀ at Ò = 25 °Ñ
• Input current LOW/HIGH: 8 mÀ
• Latch current: not less than 150 mÀ at Ò = 125 °Ñ
• ESD acceptable value: not less than 2000 V as per HBM and
not less than 200 V as per MM
ORDERING INFORMATION
SL74LV373N Plastic DIP
SL74LV373D SOIC
TA = -40
° to 125° C
for all packages
PIN ASSIGNMENT
373
OE
01
Q
0
02
D
0
03
D
1
04
Q
1
05
Q
2
06
D
2
07
D
3
08
Q
3
09
GND 10
20
19
18
17
16
15
14
13
12
11
D
7
D
6
Q
6
Q
5
D
5
D
4
Q
4
LE
V
CC
Q
7
FUNCTION TABLE
Inputs
Output
OE
LE
Dn
Qn
L
H
H
H
L
H
L
L
L
L
X
no change
H
X
X
Z
BLOCK DIAGRAM
OE
01
Q
0
02
D
0
03
D
1
04
Q
1
05
Q
2
06
D
2
07
D
3
08
Q
3
09
19
18
17
16
15
14
13
12
11
D
7
D
6
Q
6
Q
5
D
5
D
4
Q
4
LE
Q
7
Pin 20=VCC
Pin 10 = GND


유사한 부품 번호 - SL74LV373D

제조업체부품명데이터시트상세설명
logo
System Logic Semiconduc...
SL74LV374 SLS-SL74LV374 Datasheet
47Kb / 8P
   OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
SL74LV374D SLS-SL74LV374D Datasheet
47Kb / 8P
   OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
SL74LV374N SLS-SL74LV374N Datasheet
47Kb / 8P
   OCTAL D-TIME FLIP-FLOP; POSITIVE EDGETRIGGER (3-StatE)
More results

유사한 설명 - SL74LV373D

제조업체부품명데이터시트상세설명
logo
System Logic Semiconduc...
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com