전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP01 데이터시트(PDF) 2 Page - Crydom Inc.,

부품명 TP01
상세설명  THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CRYDOM [Crydom Inc.,]
홈페이지  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

TP01 데이터시트(HTML) 2 Page - Crydom Inc.,

  TP01 Datasheet HTML 1Page - Crydom Inc., TP01 Datasheet HTML 2Page - Crydom Inc., TP01 Datasheet HTML 3Page - Crydom Inc., TP01 Datasheet HTML 4Page - Crydom Inc., TP01 Datasheet HTML 5Page - Crydom Inc., TP01 Datasheet HTML 6Page - Crydom Inc., TP01 Datasheet HTML 7Page - Crydom Inc., TP01 Datasheet HTML 8Page - Crydom Inc., TP01 Datasheet HTML 9Page - Crydom Inc., Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Crydom has a
distinguished record of
providing advanced, high
quality
products
with
timely
delivery
and
competitive pricing. Your
success
in
today’s
fastpaced global markets
hinges on working with suppliers who respond
quickly and appropriately to your every need.
In addition to an extensive selection of catalog
off-the-shelf
items,
Crydom
offers
custom-designed solid state relays. Fact is we
specialize in satisfying the most demanding
environmental and performance requirements
our customers can devise. Give us your specs,
and watch us exceed your expectations!
At Crydom’s custom-built 100,000 square
foot
manufacturing
facility,
virtually
everything is accomplished in-house to assure
complete control over delivery, production, and
above all quality. With design, development,
manufacturing and management personnel
under one roof, we’re geared for fast response
to your requirements.
In Design Engineering, we focus on pushing
performance, reliability and quality standards
ever higher. Working under a conservative
design and rating philosophy, Crydom’s
seasoned engineering team makes extensive
use of CAD to optimize design of mechanical
parts.
As a result of these efforts, Crydom has
acquired an impressive list of patents in solid
state relay technology, while continuing to
create new circuit and technology-related
inventions as part of our ongoing R & D
programs.
Once the design is solidified, Production
Engineering is responsible for the engineering
control of the techniques used throughout
manufacturing. This department works closely
with our design engineering group, establishes
assembly
processes,
and
oversees
a
comprehensive on-premises machine shop
which fabricates our assembly fixtures.
As the work progresses, Material
and
Production Control employ our advanced
computer
system,
upgraded
with
our
customized software to keep manufacturing
operations humming. The computer system
employs integral MRP and MSP capabilities to
generate detailed scheduling and planning
information.
Ceramic Hybrid Manufacturing also is
performed in-house. Crydom manufactures all
metallized ceramic substrates used in our
relays — a major factor in product performance
and reliability, including direct bond copper
substrates.
,
www.crydom.com


유사한 부품 번호 - TP01

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP01(02)AZ TOPPOWER-TP01(02)AZ Datasheet
261Kb / 3P
   1W, 2W 3KVAC Isolation Wide Input AC/DC Converters
logo
Vishay Siliconix
TP0101K VISHAY-TP0101K Datasheet
90Kb / 1P
   TP0101K vs. TP0101T Specification Comparison
11-May-05
TP0101K VISHAY-TP0101K Datasheet
205Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-Nov-05
logo
VBsemi Electronics Co.,...
TP0101K-T1-E3 VBSEMI-TP0101K-T1-E3 Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
TP0101K-T1-GE3 VISHAY-TP0101K-T1-GE3 Datasheet
231Kb / 9P
   P-Channel 20-V (D-S) MOSFET, Low-Threshold
Rev. B, 29-Dec-08
More results

유사한 설명 - TP01

제조업체부품명데이터시트상세설명
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
   Solid-state technology
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com