전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM139-SP 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM139-SP
상세설명  QUAD DIFFERENTIAL COMPARATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM139-SP 데이터시트(HTML) 2 Page - Texas Instruments

  LM139-SP Datasheet HTML 1Page - Texas Instruments LM139-SP Datasheet HTML 2Page - Texas Instruments LM139-SP Datasheet HTML 3Page - Texas Instruments LM139-SP Datasheet HTML 4Page - Texas Instruments LM139-SP Datasheet HTML 5Page - Texas Instruments LM139-SP Datasheet HTML 6Page - Texas Instruments LM139-SP Datasheet HTML 7Page - Texas Instruments LM139-SP Datasheet HTML 8Page - Texas Instruments LM139-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2OUT
1OUT
V
CC
1IN-
1IN+
2IN-
2IN+
3IN-
3IN+
4IN-
4IN+
GND
OUT4
OUT3
PAD #1
LM139-SP, LM139A-SP
SCLS720C
– NOVEMBER 2010 – REVISED MARCH 2011
www.ti.com
BARE DIE INFORMATION
BON PAD
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
METALLIZATION
POTENTIAL
THICKNESS
COMPOSITION
15 mils
Silicon with backgrind
Floating
AlCu (0.5%)
0.055 mils
Table 2. Bond Pad Coordinates in Microns
DISCRIPTION
PAD NUMBER
Xmin
Ymin
Xmax
Ymax
2OUT
1
22.86
455.93
124.46
557.53
1OUT
2
22.86
203.2
124.46
304.8
Vcc
3
22.86
27.94
124.46
129.54
1IN-
4
345.44
53.34
447.04
154.94
1IN+
5
640.08
53.34
741.68
154.94
2IN-
6
981.71
53.34
1083.31
154.94
2IN+
7
958.85
347.98
1060.45
449.58
3IN-
8
948.69
713.74
1050.29
815.34
3IN+
9
961.39
1008.38
1062.99
1109.98
4IN-
10
605.79
1013.46
707.39
1115.06
4IN+
11
308.61
1013.46
410.21
1115.06
GND
12
22.86
1047.75
124.46
1149.35
OUT4
13
22.86
891.54
124.46
993.14
OUT3
14
22.86
638.81
124.46
740.41
2
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): LM139-SP LM139A-SP


유사한 부품 번호 - LM139-SP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139-SP TI-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139-SP TI-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139-SP TI1-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results

유사한 설명 - LM139-SP

제조업체부품명데이터시트상세설명
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
   Quad Differential Comparator
logo
Texas Instruments
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_10 Datasheet
176Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com