전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM185WG-2.5-QV 데이터시트(PDF) 9 Page - Texas Instruments

부품명 LM185WG-2.5-QV
상세설명  LM185-2.5QML Micropower Voltage Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM185WG-2.5-QV 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM185WG-2.5-QV Datasheet HTML 5Page - Texas Instruments LM185WG-2.5-QV Datasheet HTML 6Page - Texas Instruments LM185WG-2.5-QV Datasheet HTML 7Page - Texas Instruments LM185WG-2.5-QV Datasheet HTML 8Page - Texas Instruments LM185WG-2.5-QV Datasheet HTML 9Page - Texas Instruments LM185WG-2.5-QV Datasheet HTML 10Page - Texas Instruments LM185WG-2.5-QV Datasheet HTML 11Page - Texas Instruments LM185WG-2.5-QV Datasheet HTML 12Page - Texas Instruments LM185WG-2.5-QV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Applications (Continued)
Precision 1 µA to 1 mA Current Sources
20156224
20156225
METER THERMOMETERS
0˚C–100˚C Thermometer
20156226
Calibration
1.
Short LM385-2.5, adjust R3 for I
OUT=temp at 1µA/˚K
2.
Remove short, adjust R2 for correct reading in
centigrade
0˚F–50˚F Thermometer
20156227
Calibration
1.
Short LM385-2.5, adjust R3 for I
OUT=temp at 1.8 µA/˚K
2.
Remove short, adjust R2 for correct reading in ˚F
www.national.com
8


유사한 부품 번호 - LM185WG-2.5-QV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM185WG-2.5/883 TI1-LM185WG-2.5/883 Datasheet
499Kb / 15P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

유사한 설명 - LM185WG-2.5-QV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM185-1.2QML-SP_15 TI-LM185-1.2QML-SP_15_15 Datasheet
536Kb / 18P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2QML TI1-LM185-1.2QML Datasheet
726Kb / 13P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI-LM136A-2.5QML_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com