전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4040C25-EP 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LM4040C25-EP
상세설명  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040C25-EP 데이터시트(HTML) 4 Page - Texas Instruments

  LM4040C25-EP Datasheet HTML 1Page - Texas Instruments LM4040C25-EP Datasheet HTML 2Page - Texas Instruments LM4040C25-EP Datasheet HTML 3Page - Texas Instruments LM4040C25-EP Datasheet HTML 4Page - Texas Instruments LM4040C25-EP Datasheet HTML 5Page - Texas Instruments LM4040C25-EP Datasheet HTML 6Page - Texas Instruments LM4040C25-EP Datasheet HTML 7Page - Texas Instruments LM4040C25-EP Datasheet HTML 8Page - Texas Instruments LM4040C25-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Temperature (°C)
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
-55 -35 -15
5
25
45
65
85 105 125
I = 150 µA
V = 2.5 V
Z
Z
100
1k
1M
10k
100k
Frequency (Hz)
1000
100
10
1
0.1
VZ = 2.5 V
IZ = 150 µA
TJ = 25°C
IZ,AC = 0.1 IZ
XC
No Capacitor
1
µF
Tantanlum
Capacitor
100
1k
1M
10k
100k
Frequency (Hz)
1000
100
10
1
0.1
VZ = 2.5 V
IZ = 1 mA
TJ = 25°C
IZ,AC = 0.1 IZ
XC
No Capacitor
1-
µF
Tantanlum
Capacitor
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VZ, Reverse Voltage (V)
VZ = 2.5 V
TJ = 25°C
0
1
2.5
1.5
2
0.5
3
1
100
100k
1k
10k
Frequency (Hz)
10
1
0.1
10
VZ = 2.5 V
IZ = 200 µA
TJ = 25°C
−1
0
1
2
3
4
5
6
−10
0
10
20
30
40
50
60
70
80
90
VZ = 2.5 V
TJ = 25°C
RS = 30 kΩ
Response Time (
µs)
VIN
VZ
6
4
2
0
−2
−4
−6
−8
−10
−12
LM4040-EP
SLOS746A
– SEPTEMBER 2011 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1. Change in VZ vs Change in Temperature
Figure 2. Output Impedance vs Frequency
Figure 3. Output Impedance vs Frequency
Figure 4. Cathode Current vs Reverse Voltage
Figure 5. Noise Voltage vs Frequency
Figure 6. Start-Up Characteristics
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


유사한 부품 번호 - LM4040C25-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4040C25 TI1-LM4040C25 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
logo
Zetex Semiconductors
LM4040C25FTA ZETEX-LM4040C25FTA Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
LM4040C25FTA ZETEX-LM4040C25FTA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040C25FTA DIODES-LM4040C25FTA Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040C25H5TA ZETEX-LM4040C25H5TA Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
More results

유사한 설명 - LM4040C25-EP

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com