전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1JWG 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 GS1JWG
상세설명  SURFACE MOUNT GENERAL PURPOSE RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1JWG 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  GS1JWG Datasheet HTML 1Page - Pan Jit International Inc. GS1JWG Datasheet HTML 2Page - Pan Jit International Inc. GS1JWG Datasheet HTML 3Page - Pan Jit International Inc. GS1JWG Datasheet HTML 4Page - Pan Jit International Inc. GS1JWG Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
June 5,2012-REV.00
GS1AWG SERIES
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Low Forward Drop
• High temperature soldering : 260°C /10 seconds at terminals
• Glass Passivated Junction
• Lead free in comply with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SMA(W) molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 12 mm tape (EIA-481)
• Weight: 0.002 ounce, 0.064 gram
SURFACE MOUNT GENERAL PURPOSE RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
NOTES:1. Mounted on an FR4 PCB, single-sided copper, mini pad.
2. Mounted on an FR4 PCB, single-sided copper, with 76.2 x 114.3mm copper pad area.
VOLTAGE
50 to 1000 Volts
1 Amperes
CURRENT
PA RA ME TE R
S YMB OL GS 1AWG GS1B WG GS1D WG GS1GWG GS1J WG GS 1KWG GS 1MWG
UNITS
Ma xi m um Re c ur r e nt Pe ak Re ve r s e Vo ltage
V
RRM
50
100
2 00
4 00
600
800
100 0
V
Ma xi mum RMS Vo lta g e
V
RM S
35
7 0
140
28 0
420
560
700
V
Ma xi mum D C B lo c k i ng Vo lta g e
V
DC
50
100
2 00
4 00
600
800
100 0
V
Ma xi m um Aver age For war d C ur r e nt
I
F(AV )
1A
Pea k For war d S ur ge C ur r ent : 8.3 ms si ngle half si ne-
wave s uper i mp osed on r ated load ( J E D EC metho d)
I
FS M
30
A
Maxi m um Fo r war d Voltag e at 1A D C
V
F
1.1
V
Ma xi m um D C Re ve rs e C urre nt a t Ra te d D C
B loc k i ng Vo ltag e
I
R
1
μA
Typi cal Junc ti on C apaci tance M easur ed at 1M Hz and
appli ed V
R=4 .0 V
C
J
7p F
Typi cal Junc ti on Re s i stance
( Note 1)
( Note 2)
Rθ
JA
Rθ
JL
15 0
15
OC / W
Oper ati ng and Stor age Tem per atur e Range
T
J ,T STG
- 55 to +1 50
OC
1
2
Cathode
Anode


유사한 부품 번호 - GS1JWG

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
GS1JW PANJIT-GS1JW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Nantong Hornby Electron...
GS1JW HORNBY-GS1JW Datasheet
384Kb / 3P
   SURFACE MOUNT PLASTIC PASSIVATED JUNCTION RECTIFIER
logo
Pan Jit International I...
GS1JWZ PANJIT-GS1JWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
More results

유사한 설명 - GS1JWG

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
GS1A YANGJIE-GS1A Datasheet
360Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS2AAQ YANGJIE-GS2AAQ Datasheet
239Kb / 4P
   Surface Mount General Purpose Rectifier
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1GAFC PANJIT-GS1GAFC Datasheet
343Kb / 4P
   Surface Mount General Purpose Rectifier
July 4,2020 GS1GAFC_SERIES-REV.00
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com