전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN302UL 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN302UL
상세설명  PWM Controller for Low Standby Power Battery-Charger Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN302UL 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN302UL Datasheet HTML 1Page - Fairchild Semiconductor FAN302UL Datasheet HTML 2Page - Fairchild Semiconductor FAN302UL Datasheet HTML 3Page - Fairchild Semiconductor FAN302UL Datasheet HTML 4Page - Fairchild Semiconductor FAN302UL Datasheet HTML 5Page - Fairchild Semiconductor FAN302UL Datasheet HTML 6Page - Fairchild Semiconductor FAN302UL Datasheet HTML 7Page - Fairchild Semiconductor FAN302UL Datasheet HTML 8Page - Fairchild Semiconductor FAN302UL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN302UL • Rev. 1.0.3
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VHV
HV Pin Input Voltage
500
V
VVDD
DC Supply Voltage
(1,2)
30
V
VVS
VS Pin Input Voltage
-0.3
7.0
V
VCS
CS Pin Input Voltage
-0.3
7.0
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
PD
Power Dissipation (TA=25
°C)
660
mW
θJA
Thermal Resistance (Junction-to-Air)
150
°C/W
θJC
Thermal Resistance (Junction-to-Case)
39
°C/W
TJ
Operating Junction Temperature
-40
+150
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Wave Soldering or IR, 10 Seconds)
+260
°C
ESD
Electrostatic Discharge Capability
Human Body Model,
JEDEC:JESD22_A114
(Except HV Pin)
(3)
5.0
kV
Charged Device Model,
JEDEC:JESD22_C101
(Except HV Pin)
(3)
1.5
Notes:
1.
All voltage values, except differential voltages, are given with respect to the GND pin.
2.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
3.
ESD ratings including the HV pin: HBM=500V, CDM=750V.


유사한 부품 번호 - FAN302UL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
More results

유사한 설명 - FAN302UL

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com