전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL1963A-18QKTTRQ1Q1 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TL1963A-18QKTTRQ1Q1
상세설명  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL1963A-18QKTTRQ1Q1 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TL1963A-18QKTTRQ1Q1 Datasheet HTML 2Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 3Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 4Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 5Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 6Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 7Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 8Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 9Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2.42
2.44
2.46
2.48
2.5
2.52
2.54
2.56
2.58
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Fixed 2.5 V
IOUT = 1 mA
TL1963A-2.5
I
= 1 mA
OUT
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Fixed 3.3 V
IOUT = 1 mA
TL1963A-3.3
I
= 1 mA
OUT
1.19
1.195
1.2
1.205
1.21
1.215
1.22
1.225
1.23
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Adjustable
IOUT = 1 mA
VIN = 6 V
TL1963A (Adjustable)
I
= 1 mA
V = 6 V
OUT
IN
0
0.2
0.4
0.6
0.8
1
1.2
0
2
4
6
8
10
12
14
16
18
20
Input Voltage – V
TJ = 25°C
ROUT = 4.3 k
VSHDN = VIN
VOUT Adjustable
W
TL1963A (Adjustable)
TL1963A-Q1
SLVSA79 – APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 5.
Figure 6.
OUTPUT VOLTAGE
QUIESCENT CURRENT
vs
vs
TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TL1963A-Q1


유사한 부품 번호 - TL1963A-18QKTTRQ1Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL1963A-18 TI-TL1963A-18 Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18 TI-TL1963A-18 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18 TI-TL1963A-18 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-18 TI1-TL1963A-18 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-18DCQR TI-TL1963A-18DCQR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
More results

유사한 설명 - TL1963A-18QKTTRQ1Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com