전자부품 데이터시트 검색엔진 |
|
TL751L05CP 데이터시트(PDF) 3 Page - Texas Instruments |
|
TL751L05CP 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 29 page TL750L TL751L www.ti.com.................................................................................................................................... SLVS017U – SEPTEMBER 1987 – REVISED SEPTEMBER 2009 Absolute Maximum Ratings (1) over operating junction temperature range (unless otherwise noted) MIN MAX UNIT Continuous input voltage 26 V Transient input voltage(2) TA = 25°C 60 V Continuous reverse input voltage –15 V Transient reverse input voltage t ≤ 100 ms –50 V TJ Operating virtual junction temperature 150 °C Lead temperature 1,6 mm (1/16 in) for 10 s 260 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The transient input voltage rating applies to the waveform shown in Figure 1. Package Thermal Data (1) PACKAGE BOARD θJC θJA PDIP (P) High K, JESD 51-7 57°C/W 85°C/W PowerFLEX™ (KTE) High K, JESD 51-5 3°C/W 23°C/W SOIC (D) High K, JESD 51-7 39°C/W 97°C/W TO-226/TO-92 (LP) High K, JESD 51-7 55°C/W 140°C/W TO-220 (KC) High K, JESD 51-5 3°C/W 19°C/W TO-220 (KCS) High K, JESD 51-5 3°C/W 19°C/W TO-252 (KVU) High K, JESD 51-5 – 30.3°C/W TO-263 (KTT) High K, JESD 51-5 18°C/W 25.3°C/W (1) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Recommended Operating Conditions over recommended operating junction temperature range (unless otherwise noted) MIN MAX UNIT TL75xL05 6 26 TL75xL08 9 26 VI Input voltage V TL75xL10 11 26 TL75xL12 13 26 VIH High-level ENABLE input voltage TL75xLxx 2 15 V TJ = 25°C TL75xLxx –0.3 0.8 VIL (1) Low-level ENABLE input voltage V TJ = 0°C to 125°C TL75xLxx –0.15 0.8 IO Output current TL75xLxx 0 150 mA TJ Operating virtual junction temperature TL75xLxxC 0 125 °C (1) The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for ENABLE voltage levels and temperature only. Copyright © 1987–2009, Texas Instruments Incorporated Submit Documentation Feedback 3 |
유사한 부품 번호 - TL751L05CP |
|
유사한 설명 - TL751L05CP |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |