전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM320LF2407-EP 데이터시트(PDF) 11 Page - Texas Instruments

부품명 SM320LF2407-EP
상세설명  DSP CONTROLLERS
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SM320LF2407-EP 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SM320LF2407-EP Datasheet HTML 7Page - Texas Instruments SM320LF2407-EP Datasheet HTML 8Page - Texas Instruments SM320LF2407-EP Datasheet HTML 9Page - Texas Instruments SM320LF2407-EP Datasheet HTML 10Page - Texas Instruments SM320LF2407-EP Datasheet HTML 11Page - Texas Instruments SM320LF2407-EP Datasheet HTML 12Page - Texas Instruments SM320LF2407-EP Datasheet HTML 13Page - Texas Instruments SM320LF2407-EP Datasheet HTML 14Page - Texas Instruments SM320LF2407-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
SM320LF2407AEP
DSP CONTROLLERS
SGUS036B − JULY 2003 − REVISED OCTOBER 2003
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
pin functions (continued)
Table 2. LF240xA and LC240xA Pin List and Package Options†‡ (Continued)
PIN NAME
LF2407A
(144-PGE)
DESCRIPTION
ADDRESS, DATA, AND MEMORY CONTROL SIGNALS (CONTINUED)
PS
84
Program space strobe. IS, DS, and PS are always high unless low-level asserted for access to the
relevant external memory space or I/O. They are placed in the high-impedance state.¶
R/W
92
Read/write qualifier signal. R/W indicates transfer direction during communication to an external
device. It is normally in read mode (high), unless low level is asserted for performing a write operation.
R/W is placed in the high-impedance state.¶
W/R /
W/R
19
Write/Read qualifier or GPIO. This is an inverted R/W signal useful for zero-wait-state memory
interface. It is normally low, unless a memory write operation is performed. See Table 12, Port C
W/R /
IOPC0
IOPC0
19
interface. It is normally low, unless a memory write operation is performed. See Table 12, Port C
section, for reset note regarding LF2406A and LF2402A.
(
↑)
RD
93
Read-enable strobe. Read-select indicates an active, external read cycle. RD is active on all external
program, data, and I / O reads. RD is placed in the high-impedance state.¶
WE
89
Write-enable strobe. The falling edge of WE indicates that the device is driving the external data bus
(D15 − D0). WE is active on all external program, data, and I/O writes. WE is placed in the
high-impedance state.¶
STRB
96
External memory access strobe. STRB is always high unless asserted low to indicate an external bus
cycle. STRB is active for all off-chip accesses. STRB is placed in the high-impedance state.¶
READY
120
READY is pulled low to add wait states for external accesses. READY indicates that an external device
is prepared for a bus transaction to be completed. If the device is not ready, it pulls the READY pin low.
The processor waits one cycle and checks READY again. Note that the processor performs
READY-detection if at least one software wait state is programmed. To meet the external READY
timings, the wait-state generator control register (WSGR) should be programmed for at least one wait
state.
(
↑)
MP/MC
118
Microprocessor/Microcomputer mode select. If this pin is low during reset, the device is put in
microcomputer mode and program execution begins at 0000h of internal program memory (Flash
EEPROM). A high value during reset puts the device in microprocessor mode and program execution
begins at 0000h of external program memory. This line sets the MP/MC bit (bit 2 in the SCSR2
register).
(
↓)
ENA_144
122
Active high to enable external interface signals. If pulled low, the 2407A behaves like the
2406A/2403A/2402A—i.e., it has no external memory and generates an illegal address if DS is
asserted. This pin has an internal pulldown.
(
↓)
VIS_OE
97
Visibility output enable (active when data bus is output). This pin is active (low) whenever the external
data bus is driving as an output during visibility mode. Can be used by external decode logic to prevent
data bus contention while running in visibility mode.
A0
80
Bit 0 of the 16-bit address bus
A1
78
Bit 1 of the 16-bit address bus
A2
74
Bit 2 of the 16-bit address bus
A3
71
Bit 3 of the 16-bit address bus
A4
68
Bit 4 of the 16-bit address bus
A5
64
Bit 5 of the 16-bit address bus
A6
61
Bit 6 of the 16-bit address bus
A7
57
Bit 7 of the 16-bit address bus
† Bold, italicized pin names indicate pin function after reset.
‡ GPIO − General-purpose input/output pin. All GPIOs come up as input after reset.
§ It is highly recommended that VCCA be isolated from the digital supply voltage (and VSSA from digital ground) to maintain the specified accuracy
and improve the noise immunity of the ADC.
¶ Only when all of the following conditions are met: EMU1/OFF is low, TRST is low, and EMU0 is high
# No power supply pin (VDD, VDDO, VSS, or VSSO) should be left unconnected. All power supply pins must be connected appropriately for proper
device operation.
LEGEND:
↑ − Internal pullup
↓ − Internal pulldown
(Typical active pullup/pulldown value is
±16 µA.)


유사한 부품 번호 - SM320LF2407-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407APGEMEP TI1-SM320LF2407APGEMEP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com