전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MVT040A0X3-SRPHZ 데이터시트(PDF) 2 Page - Lineage Power Corporation

부품명 MVT040A0X3-SRPHZ
상세설명  40A Analog Mega DLynxTM:
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

MVT040A0X3-SRPHZ 데이터시트(HTML) 2 Page - Lineage Power Corporation

  MVT040A0X3-SRPHZ Datasheet HTML 1Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 2Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 3Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 4Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 5Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 6Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 7Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 8Page - Lineage Power Corporation MVT040A0X3-SRPHZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Advance Data Sheet
November 17, 2011
40A Analog Mega DLynxTM: Non-isolated DC-DC Power Modules
4.5 – 14.4Vdc input; 0.6Vdc to 2Vdc output; 40A output current
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
All
VIN
-0.3
15
Vdc
Continuous
Operating Ambient Temperature
All
TA
-40
105
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
4.5
14.4
Vdc
Maximum Input Current
All
IIN,max
TBD
Adc
(VIN=4.5V to 14V, IO=IO, max )
Input No Load Current
(VIN = 12.0Vdc, IO = 0, module enabled)
VO,set = 0.6 Vdc
IIN,No load
TBD
mA
VO,set = 2Vdc
IIN,No load
TBD
mA
Input Stand-by Current
(VIN = 12.0Vdc, module disabled)
All
IIN,stand-by
TBD
mA
Inrush Transient
All
I
2t
1
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 1μH source impedance; VIN =0 to
14V, IO= IOmax ; See Test Configurations)
All
TBD
mAp-p
Input Ripple Rejection (120Hz)
All
TBD
dB


유사한 부품 번호 - MVT040A0X3-SRPHZ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MVT-2510 ETC1-MVT-2510 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2511 ETC1-MVT-2511 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2512 ETC1-MVT-2512 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2513 ETC1-MVT-2513 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MVT-2514 ETC1-MVT-2514 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
More results

유사한 설명 - MVT040A0X3-SRPHZ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MDT040A0X ETC2-MDT040A0X Datasheet
1Mb / 35P
   40A Digital Mega DLynxTM: Non-Isolated DC-DC Power Modules
logo
Lineage Power Corporati...
UVT020A0X3-SRZ LINEAGEPOWER-UVT020A0X3-SRZ Datasheet
628Kb / 23P
   20A Analog Micro DLynxTM
PVX003A0X3-SRZ LINEAGEPOWER-PVX003A0X3-SRZ Datasheet
1Mb / 23P
   3A Analog Pico DLynxTM:
PDT012A0X3_1108 LINEAGEPOWER-PDT012A0X3_1108 Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
UDT020A0X3-SRZ LINEAGEPOWER-UDT020A0X3-SRZ Datasheet
792Kb / 40P
   20A Digital Micro DLynxTM:
PVX012A0X3-SRZ LINEAGEPOWER-PVX012A0X3-SRZ Datasheet
1Mb / 23P
   12A Analog Pico DLynxTM: Non-Isolated DC-DC Power Modules
PDT012A0X LINEAGEPOWER-PDT012A0X Datasheet
776Kb / 32P
   12A Digital Pico DLynxTM: Non-Isolated DC-DC Power Modules
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
   40A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com