전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD12S016RKTR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD12S016RKTR
상세설명  HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016RKTR 데이터시트(HTML) 5 Page - Texas Instruments

  TPD12S016RKTR Datasheet HTML 1Page - Texas Instruments TPD12S016RKTR Datasheet HTML 2Page - Texas Instruments TPD12S016RKTR Datasheet HTML 3Page - Texas Instruments TPD12S016RKTR Datasheet HTML 4Page - Texas Instruments TPD12S016RKTR Datasheet HTML 5Page - Texas Instruments TPD12S016RKTR Datasheet HTML 6Page - Texas Instruments TPD12S016RKTR Datasheet HTML 7Page - Texas Instruments TPD12S016RKTR Datasheet HTML 8Page - Texas Instruments TPD12S016RKTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPD12S016
www.ti.com
SLLSE96C – SEPTEMBER 2011 – REVISED JULY 2012
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VCCA
Supply voltage range
–0.3
4.0
V
VCC5V
Supply voltage range
–0.3
6.0
V
SCL_A, SDA_A, CEC_A
–0.3
4.0
SCL_B, SDA_B, CEC_B
–0.3
6.0
VI
Input voltage range(2)
V
CT_HPD, LS_OE
–0.3
4.0
D, CLK
–0.3
6.0
SCL_A, SDA_A, CEC_A, CT_HPD, LS_OE
–0.3
4.0
Voltage range applied to any output in
VO
V
the high-impedance or power-off state(2) SCL_B, SDA_B, CEC_B
–0.3
6.0
SCL_A, SDA_A, CEC_A, CT_HPD, LS_OE
–0.3
VCCA + 0.5
Voltage range applied to any output in
VO
V
the high or low state(2)(3)
SCL_B, SDA_B, CEC_B
–0.3
VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
Continuous current through VCCB, or
±100
mA
GND
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
over recommended operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VCCA
Supply voltage
1.1
3.6
V
VCC5V
Supply voltage
4.5
5.5
V
SCL_A, SDA_A
VCCA =1.1V to 3.6 V
0.7×VCCA
VCCA
V
CEC_A
VCCA =1.1V to 3.6 V
0.7×VCCA
VCCA
V
CT__HPD, LS_OE
VCCA =1.1V to 3.6 V
1.0
VCCA
V
VIH
High-level input voltage
SCL_B, SDA_B
5V_OUT = 5.0 V
0.7×5V_OUT
5V_OUT
V
CEC_B
5V_OUT = 5.0 V
0.7×V3P3
(1)
V3P3
HPD_B
5V_OUT = 5.0 V
2.0
5V_OUT
SCL_A, SDA_A
VCCA =1.1V to 3.6 V
–0.5
0.082×VCCA
V
CEC_A
VCCA =1.1V to 3.6 V
–0.5
0.082×VCCA
V
CT_HPD, LS_OE
VCCA =1.1V to 3.6 V
–0.5
0.4
V
VIL
Low-level input voltage
SCL_B, SDA_B
5V_OUT = 5.0 V
–0.5
0.3×5V_OUT
V
CEC_B
5V_OUT = 5.0 V
–0.5
0.3×V3P3
V
HPD_B
5V_OUT = 5.0 V
0
0.8
V
(contention) Low-level
VILC
SCL_A, SDA_A, CEC_A
VCCA =1.1V to 3.6 V
–0.5
0.065×VCCA
V
input voltage
Delta between VOL and
VOL - VILC
SCL_A, SDA_A, CEC_A
VCCA =1.1V to 3.6 V
0.1×VCCA
mV
VILC
TA
Operating free-air temperature
–40
85
°C
(1)
The V3P3 is an internal 3.3V power supply node. The V3P3 is generated from the 5V supply pin through the on-chip LDO.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPD12S016


유사한 부품 번호 - TPD12S016RKTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S016RKTR TI1-TPD12S016RKTR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016RKTR TI1-TPD12S016RKTR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
More results

유사한 설명 - TPD12S016RKTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
NXP Semiconductors
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com