전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP2G14DSF2(3) 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74AUP2G14DSF2(3)
상세설명  LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G14DSF2(3) 데이터시트(HTML) 5 Page - Texas Instruments

  SN74AUP2G14DSF2(3) Datasheet HTML 1Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 2Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 3Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 4Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 5Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 6Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 7Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 8Page - Texas Instruments SN74AUP2G14DSF2(3) Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SN74AUP2G14
www.ti.com
SCES749C – SEPTEMBER 2009 – REVISED FEBRUARY 2012
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
0.8 V
0.3
0.6
0.3
0.6
1.1 V
0.53
0.9
0.53
0.9
VT+
1.4 V
0.74
1.11
0.74
1.11
Positive-going
V
input threshold
1.65 V
0.91
1.29
0.91
1.29
voltage
2.3 V
1.37
1.77
1.37
1.77
3 V
1.88
2.29
1.88
2.29
0.8 V
0.1
0.6
0.1
0.6
1.1 V
0.26
0.65
0.26
0.65
VT–
1.4 V
0.39
0.75
0.39
0.75
Negative-going
V
input threshold
1.65 V
0.47
0.84
0.47
0.84
voltage
2.3 V
0.69
1.04
0.69
1.04
3 V
0.88
1.24
0.88
1.24
0.8 V
0.07
0.5
0.07
0.5
1.1 V
0.08
0.46
0.08
0.46
ΔVT
1.4 V
0.18
0.56
0.18
0.56
Hysteresis
V
1.65 V
0.27
0.66
0.27
0.66
(VT+ – VT–)
2.3 V
0.53
0.92
0.53
0.92
3 V
0.79
1.31
0.79
1.31
VCC
IOH = –20 μA
0.8 V to 3.6 V
VCC – 0.1
0.1
0.7 ×
IOH = –1.1 mA
1.1 V
0.75 × VCC
VCC
IOH = –1.7 mA
1.4 V
1.11
1.03
VOH
V
IOH = –1.9 mA
1.65 V
1.32
1.3
IOH = –2.3 mA
2.05
1.97
2.3 V
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 μA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3 × VCC
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
A or B
II
VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
μA
input
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
μA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
μA
VI = GND or (VCC to 3.6 V),
ICC
0.8 V to 3.6 V
0.5
0.9
μA
IO = 0
ΔICC
VI = VCC – 0.6 V
(1), I
O = 0
3.3 V
40
50
μA
0 V
1.5
Ci
VI = VCC or GND
pF
3.6 V
1.5
Co
VO = GND
0 V
3
pF
(1)
One input at VCC – 0.6 V, other input at VCC or GND.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AUP2G14


유사한 부품 번호 - SN74AUP2G14DSF2(3)

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP2G125 TI-SN74AUP2G125 Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125DCUR TI-SN74AUP2G125DCUR Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125DQER TI-SN74AUP2G125DQER Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125RSER TI-SN74AUP2G125RSER Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
SN74AUP2G125YFPR TI-SN74AUP2G125YFPR Datasheet
869Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUS BUFFER GATE WITH 3-STATE OTPUTS
More results

유사한 설명 - SN74AUP2G14DSF2(3)

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
74AXP2G14 PHILIPS-74AXP2G14_15 Datasheet
181Kb / 16P
   Low-power dual Schmitt trigger inverter
Rev. 1-9 October 2014
logo
Nexperia B.V. All right...
74AXP2G14 NEXPERIA-74AXP2G14 Datasheet
842Kb / 17P
   Low-power dual Schmitt trigger inverter
logo
NXP Semiconductors
74AUP2G14 NXP-74AUP2G14 Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2G14 NEXPERIA-74AUP2G14 Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com