전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP2G34 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP2G34
상세설명  LOW-POWER DUAL BUFFER GATE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G34 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74AUP2G34 Datasheet HTML 2Page - Texas Instruments SN74AUP2G34 Datasheet HTML 3Page - Texas Instruments SN74AUP2G34 Datasheet HTML 4Page - Texas Instruments SN74AUP2G34 Datasheet HTML 5Page - Texas Instruments SN74AUP2G34 Datasheet HTML 6Page - Texas Instruments SN74AUP2G34 Datasheet HTML 7Page - Texas Instruments SN74AUP2G34 Datasheet HTML 8Page - Texas Instruments SN74AUP2G34 Datasheet HTML 9Page - Texas Instruments SN74AUP2G34 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
VM
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
1 MΩ
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Output
VM
VM
VM
VM
VM
5, 10, 15, 30 pF
VCC/2
VCC
VCC = 1.2 V
± 0.1 V
VCC = 0.8 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
CL
VM
VI
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
th
tsu
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
SN74AUP2G34
SCES751B – SEPTEMBER 2009 – REVISED MARCH 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION
(Propagation Delays, Setup and Hold Times, and Pulse Width)
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the
output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, for
propagation delays tr/tf = 3 ns, for setup and hold times and pulse width tr/tf = 1.2 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
tPLH and tPHL are the same as tpd.
F.
All parameters and waveforms are not applicable to all devices.
Figure 3. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G34


유사한 부품 번호 - SN74AUP2G34

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32DCUR TI1-SN74AUP2G32DCUR Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32DQER TI1-SN74AUP2G32DQER Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32RSER TI1-SN74AUP2G32RSER Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32YFPR TI1-SN74AUP2G32YFPR Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
More results

유사한 설명 - SN74AUP2G34

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G34 TI1-SN74AUP1G34_16 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP1G34 TI-SN74AUP1G34_10 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
logo
Texas Instruments
SN74AUP1G34 TI-SN74AUP1G34 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com