전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC1005S060TS 데이터시트(PDF) 10 Page - Integrated Device Technology

부품명 ADC1005S060TS
상세설명  Single 10 bits ADC, up to 60 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1005S060TS 데이터시트(HTML) 10 Page - Integrated Device Technology

Back Button ADC1005S060TS Datasheet HTML 6Page - Integrated Device Technology ADC1005S060TS Datasheet HTML 7Page - Integrated Device Technology ADC1005S060TS Datasheet HTML 8Page - Integrated Device Technology ADC1005S060TS Datasheet HTML 9Page - Integrated Device Technology ADC1005S060TS Datasheet HTML 10Page - Integrated Device Technology ADC1005S060TS Datasheet HTML 11Page - Integrated Device Technology ADC1005S060TS Datasheet HTML 12Page - Integrated Device Technology ADC1005S060TS Datasheet HTML 13Page - Integrated Device Technology ADC1005S060TS Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADC1005S060_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
10 of 18
Integrated Device Technology
ADC1005S060
Single 10 bits ADC, up to 60 MHz
11. Additional information relating to Table 6
014aaa521
RT
RB
RM
Rlad
ROT
RL
RL
RL
RL
IL
ROB
code 1023
code 0
Fig 3. Converter reference resistor ladder
Table 7.
Output coding and input voltage (typical values; referenced to AGND, VRB = 1.3 V,
VRT = 3.7 V; binary/gray codes)
Code
Vi(a)(p-p) (V) IR
Binary outputs D9 to D0
Gray outputs D9 to D0
Underflow
< 1.5
0
00 0000 0000
00 0000 0000
0
1.5
1
00 0000 0000
00 0000 0000
1
-
1
00 0000 0001
00 0000 0001
-
1022
-
1
11 1111 1110
10 0000 0001
1023
3.51
1
11 1111 1111
10 0000 0000
Overflow
> 3.51
0
11 1111 1111
10 0000 0000
Table 8.
Output coding and input voltage
(typical values; referenced to AGND; binary/twos complement codes)
Code
Vi(a)(p-p) (V) IR
Binary outputs D9 to D0
twos complement
outputs D9 to D0
Underflow
< 1.5
0
00 0000 0000
10 0000 0000
0
1.5
1
00 0000 0000
10 0000 0000
1
-
1
00 0000 0001
10 0000 0001
-
1022
-
1
11 1111 1110
01 1111 1110
1023
3.51
1
11 1111 1111
01 1111 1111
Overflow
> 3.51
0
11 1111 1111
01 1111 1111


유사한 부품 번호 - ADC1005S060TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
ADC1005S060TS NXP-ADC1005S060TS Datasheet
113Kb / 19P
   Single 10 bits ADC, up to 60 MHz
Rev. 02-13 August 2008
More results

유사한 설명 - ADC1005S060TS

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1005S060 NXP-ADC1005S060 Datasheet
113Kb / 19P
   Single 10 bits ADC, up to 60 MHz
Rev. 02-13 August 2008
logo
Renesas Technology Corp
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1002S020 IDT-ADC1002S020 Datasheet
426Kb / 18P
   Single 10 bits ADC, up to 20 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com