전자부품 데이터시트 검색엔진 |
|
ADC1006S070H 데이터시트(PDF) 8 Page - Integrated Device Technology |
|
ADC1006S070H 데이터시트(HTML) 8 Page - Integrated Device Technology |
8 / 30 page ADC1006S055_070_3 © IDT 2012. All rights reserved. Product data sheet Rev. 03 — 2 July 2012 8 of 30 Integrated Device Technology ADC1006S055/070 Single 10 bits ADC, up to 55 MHz or 70 MHz Voltage controlled regulator output FSREF VO(ref) reference output voltage VI(IN)(p-p) VI(INN)(p-p) = 1.9 V I - VCCA3 1.75 - V Digital outputs D9 to D0 and IR (referenced to OGND) VOL LOW-level output voltage IOL = 2 mA I 0 - 0.5 V VOH HIGH-level output voltage IOH = 0.4 mA I VCCO 0.5 - VCCO V Io output current 3-state output level between 0.5 V and VCCO I 20 - +20 A Switching characteristics; Clock frequency fclk; see Figure 3 fclk(min) minimum clock frequency SH = HIGH C - - 7 MHz fclk(max) maximum clock frequency ADC1006S055H I 55 - - MHz ADC1006S070H C 70 - - MHz tw(clk)H HIGH clock pulse width fi = 20 MHz C 6.8 - - ns tw(clk)L LOW clock pulse width fi = 20 MHz C 6.8 - - ns Analog signal processing; 50 % clock duty factor; VI(IN)(p-p) VI(INN)(p-p) = 1.9 V; VVREF = VCCA3 1.75 V; see Table 7 Linearity INL integral non-linearity fclk = 20 MHz; fi = 400 kHz I - 0.65 1.12 LSB DNL differential non-linearity fclk = 20 MHz; fi = 400 kHz (no missing code guaranteed) I - 0.12 0.27 LSB Eoffset offset error VCCA = VCCD = 5 V; VCCO = 3.3 V; Tamb = 25 C; output code = 512 C 25 +5 +25 mV EG gain error spread from device to device; VCCA = VCCD = 5 V; VCCO = 3.3 V; Tamb = 25 C C 7 - +7 %FS Bandwidth (fclk = 55 MHz)[4] B bandwidth 3 dB; full-scale input C 220 245 - MHz Table 6. Characteristics …continued VCCA = V2 to V44, V3 to V4 and V41 to V40 = 4.75 V to 5.25 V; VCCD = V37 to V38 and V15 to V17 = 4.75 V to 5.25 V; VCCO = V33 to V34 = 3.0 V to 3.6 V; AGND and DGND shorted together; Tamb = 40 C to +85 C; VI(IN)(p-p) VI(INN)(p-p) = 1.9 V; VVREF = VCCA3 1.75 V; VI(cm) = VCCA3 1.6 V; typical values measured at VCCA = VCCD = 5 V and VCCO = 3.3 V, Tamb = 25 C and CL = 10 pF; unless otherwise specified. Symbol Parameter Conditions Test[1] Min Typ Max Unit |
유사한 부품 번호 - ADC1006S070H |
|
유사한 설명 - ADC1006S070H |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |