전자부품 데이터시트 검색엔진 |
|
ADC1006S070 데이터시트(PDF) 6 Page - Integrated Device Technology |
|
ADC1006S070 데이터시트(HTML) 6 Page - Integrated Device Technology |
6 / 30 page ADC1006S055_070_3 © IDT 2012. All rights reserved. Product data sheet Rev. 03 — 2 July 2012 6 of 30 Integrated Device Technology ADC1006S055/070 Single 10 bits ADC, up to 55 MHz or 70 MHz [1] The supply voltages VCCA, VCCD and VCCO may have any value between 0.3 V and +7.0 V provided that the supply voltage differences VCC are respected. 9. Thermal characteristics Table 5. Thermal characteristics Symbol Parameter Condition Value Unit Rth(j-a) thermal resistance from junction to ambient in free air 75 K/W 10. Characteristics Vi(clk)(p-p) peak-to-peak clock input voltage differential clock drive at pins 35 and 36 - VCCD V IO output current - 10 mA Tstg storage temperature 55 +150 C Tamb ambient temperature 40 +85 C Tj junction temperature - 150 C Table 4. Limiting values …continued In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit Table 6. Characteristics VCCA = V2 to V44, V3 to V4 and V41 to V40 = 4.75 V to 5.25 V; VCCD = V37 to V38 and V15 to V17 = 4.75 V to 5.25 V; VCCO = V33 to V34 = 3.0 V to 3.6 V; AGND and DGND shorted together; Tamb = 40 C to +85 C; VI(IN)(p-p) VI(INN)(p-p) = 1.9 V; VVREF = VCCA3 1.75 V; VI(cm) = VCCA3 1.6 V; typical values measured at VCCA = VCCD = 5 V and VCCO = 3.3 V, Tamb = 25 C and CL = 10 pF; unless otherwise specified. Symbol Parameter Conditions Test[1] Min Typ Max Unit Supplies VCCA analog supply voltage 4.75 5.0 5.25 V VCCD digital supply voltage 4.75 5.0 5.25 V VCCO output supply voltage 3.0 3.3 3.6 V ICCA analog supply current I - 78 87 mA ICCD digital supply current I - 27 30 mA ICCO output supply current fclk = 20 MHz; fi = 400 kHz I - 3 4 mA fclk = 55 MHz; fi = 20 MHz I - 9.5 12 mA Ptot total power dissipation fclk = 55 MHz; fi = 20 MHz - 550 660 mW Inputs CLK and CLKN (referenced to DGND)[2] VIL LOW-level input voltage PECL mode; VCCD = 5 V I 3.19 - 3.52 V TTL mode C 0 - 0.8 V |
유사한 부품 번호 - ADC1006S070 |
|
유사한 설명 - ADC1006S070 |