전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1001D125 데이터시트(PDF) 3 Page - Integrated Device Technology

부품명 DAC1001D125
상세설명  Dual 10-bit DAC, up to 125 Msps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1001D125 데이터시트(HTML) 3 Page - Integrated Device Technology

  DAC1001D125 Datasheet HTML 1Page - Integrated Device Technology DAC1001D125 Datasheet HTML 2Page - Integrated Device Technology DAC1001D125 Datasheet HTML 3Page - Integrated Device Technology DAC1001D125 Datasheet HTML 4Page - Integrated Device Technology DAC1001D125 Datasheet HTML 5Page - Integrated Device Technology DAC1001D125 Datasheet HTML 6Page - Integrated Device Technology DAC1001D125 Datasheet HTML 7Page - Integrated Device Technology DAC1001D125 Datasheet HTML 8Page - Integrated Device Technology DAC1001D125 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DAC1001D125 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
3 of 25
Integrated Device Technology
DAC1001D125
Dual 10-bit DAC, up to 125 Msps
6. Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration SOT313-2 (LQFP48)
DAC1001D125HL
DA9
n.c.
DA8
n.c.
DA7
n.c.
DA6
n.c.
DA5
DB0
DA4
DB1
DA3
DB2
DA2
DB3
DA1
DB4
DA0
DB5
n.c.
DB6
n.c.
DB7
001aai945
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
Table 2.
Pin description
Symbol
Pin
Type[1]
Description
DA9
1
I
DAC A, data input bit 9 (MSB)
DA8
2
I
DAC A, data input bit 8
DA7
3
I
DAC A, data input bit 7
DA6
4
I
DAC A, data input bit 6
DA5
5
I
DAC A, data input bit 5
DA4
6
I
DAC A, data input bit 4
DA3
7
I
DAC A, data input bit 3
DA2
8
I
DAC A, data input bit 2
DA1
9
I
DAC A, data input bit 1
DA0
10
I
DAC A, data input bit 0 (LSB)
n.c.
11
not connected
n.c.
12
not connected
n.c.
13
not connected


유사한 부품 번호 - DAC1001D125

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1001D125HL NXP-DAC1001D125HL Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
More results

유사한 설명 - DAC1001D125

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com