전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1401D125HL 데이터시트(PDF) 5 Page - Integrated Device Technology

부품명 DAC1401D125HL
상세설명  Dual 14-bit DAC, up to 125 Msps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1401D125HL 데이터시트(HTML) 5 Page - Integrated Device Technology

  DAC1401D125HL Datasheet HTML 1Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 2Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 3Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 4Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 5Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 6Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 7Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 8Page - Integrated Device Technology DAC1401D125HL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DAC1401D125 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
5 of 25
Integrated Device Technology
DAC1401D125
Dual 14-bit DAC, up to 125 Msps
7. Limiting values
[1]
All supplies are connected together.
8. Thermal characteristics
9. Characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Un
it
VDDD
digital supply voltage
[1]
0.3
+5.0
V
VDDA
analog supply
voltage
[1]
0.3
+5.0
V
VDD
supply voltage
difference
between analog and digital supply
voltage
150
+150
mV
VI
input voltage
digital inputs referenced to DGND
0.3
+5.5
V
pins REFIO, AVIRES, BVIRES
referenced to AGND
0.3
+5.5
V
VO
output voltage
pins IOUTAP, IOUTAN, IOUTBP and
IOUTBN referenced to AGND
0.3
VDDA +
0.3
V
Tstg
storage temperature
55
+150
C
Tamb
ambient temperature
40
+85
C
Tj
junction temperature
-
125
C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air
89.3
K/W
Rth(c-a)
thermal resistance from case to ambient
in free air
60.6
K/W
Table 5.
Characteristics
VDDD = VDDA = 3.3 V; AGND and DGND connected together; IO(fs) = 20 mA and Tamb = 40 C to +85 C; typical values
measured at Tamb =25 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDD
digital supply voltage
3.0
3.3
3.65
V
VDDA
analog supply voltage
3.0
3.3
3.65
V
IDDD
digital supply current
fs = 65 Msps, fo = 1 MHz,
VDD = 3.0 V to 3.6 V
-6
7
mA
IDDA
analog supply current
fs = 65 Msps, fo = 1 MHz,
VDD = 3.0 V to 3.6 V
-50
65
mA
Ptot
total power dissipation
fs = 65 Msps, fo = 1 MHz,
VDD = 3.0 V to 3.6 V
-
185
260
mW
Ppd
power dissipation in
power-down mode
-
16.5
-
mW


유사한 부품 번호 - DAC1401D125HL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
DAC1401D125HL NXP-DAC1401D125HL Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Renesas Technology Corp
DAC1401D125HL RENESAS-DAC1401D125HL Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
Integrated Device Techn...
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
More results

유사한 설명 - DAC1401D125HL

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Integrated Device Techn...
DAC1001D125 IDT-DAC1001D125 Datasheet
382Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com