전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL0401ADCK 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TPL0401ADCK
상세설명  Works with MSP430 Launchpad
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401ADCK 데이터시트(HTML) 5 Page - Texas Instruments

  TPL0401ADCK Datasheet HTML 1Page - Texas Instruments TPL0401ADCK Datasheet HTML 2Page - Texas Instruments TPL0401ADCK Datasheet HTML 3Page - Texas Instruments TPL0401ADCK Datasheet HTML 4Page - Texas Instruments TPL0401ADCK Datasheet HTML 5Page - Texas Instruments TPL0401ADCK Datasheet HTML 6Page - Texas Instruments TPL0401ADCK Datasheet HTML 7Page - Texas Instruments TPL0401ADCK Datasheet HTML 8Page - Texas Instruments TPL0401ADCK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
MSP430 Code
4.1.1
TC5405 Overview
As shown in Figure 1, a ten bit serial transfer is required to set the five outputs on the TCA5405. The first
four bits, 0101 (S0-S3), act as a start flag for the TCA5405. S0 is a start bit and S1-S3 are the clock sense
bits for the TCA5405. The next five bits (D4-D0) are the data bits associated with each of the outputs. The
tenth bit returns the serial line back to high to ready the TCA5405 for the next input.
In the source code there are two methods to handle this communication. These functions are located in
Single_Wire.c
1. Use a GPIO (general purpose input/output) and a clock delay to emulate S0-D0.
2. Use one of the MSP430 timers to change the output at a specified bit interval.
4.1.2
bit_bang_TCA5405_byte(unsigned char byte)
The function bi_bang_TCA5405_byte(unsigned char byte) will emulate the required ten bits for
communication with the TCA5405. This function works very simply by driving a GPIO pin to high or low
and utilizing the _delay_cycles() function to hold the value. After each assert on the GPIO pin a
_delay_cycles(16) is called to wait roughly 2 microseconds before the next bit. The section that handles
the data bits (D4-D0) only uses a _delay_cycles(10) function; this is to adjust for the time spent on if
statements.
4.1.3
send_TCA5405_byte
The function send_TCA5405_byte(unsigned char byte) along with 5405_Timer_ISR() implements the
required serial data by using one of the MSP430 timers. When a byte is sent to send_TCA5405_byte(),
the function adds the start flag (S0-S3) to the beginning and the stop bit (1) to the end (LSB), stores the
new value to a global variable, and enables the timer interrupts. After a set number of clock cycles defined
by NEXT_BIT_TIME, 5405_Timer_ISR() is called and adjusts the output of the P2.0 accordingly.
NOTE:
The start flag S0-S3 is hard coded into each of these methods
5
SCPU034
– December 2011
TCA7408EVM,TCA5405EVM
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


유사한 부품 번호 - TPL0401ADCK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0401ADCK TI1-TPL0401ADCK Datasheet
335Kb / 15P
[Old version datasheet]   Works with low cost MSP430 based LaunchPad platform
More results

유사한 설명 - TPL0401ADCK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0401EVM TI1-TPL0401EVM Datasheet
335Kb / 15P
[Old version datasheet]   Works with low cost MSP430 based LaunchPad platform
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com