전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC084QPWPRQ1 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC084QPWPRQ1
상세설명  WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC084QPWPRQ1 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TLC084QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TLC084QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TLC084QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TLC084QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TLC084QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TLC084QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TLC084QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TLC084QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TLC084QPWPRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TLC080-Q1, TLC081-Q1
TLC082-Q1, TLC083-Q1
TLC084-Q1, TLC085-Q1
SLOS510B
– SEPTEMBER 2006 – REVISED MAY 2011
www.ti.com
Operating Characteristics
VDD = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
(1)
MIN
TYP
MAX
UNIT
25
°C
10
16
Positive slew rate at unity
SR+
VO(PP) = 2 V, CL = 50 pF, RL = 10 kΩ
V/
μs
gain
Full range
9.5
25
°C
12.5
19
Negative slew rate at unity
SR
VO(PP) = 2 V, CL = 50 pF, RL = 10 kΩ
V/
μs
gain
Full range
10
f = 100 Hz
14
Equivalent input noise
Vn
25
°C
nV/
√Hz
voltage
f = 1 kHz
8.5
In
Equivalent input noise current f = 1 kHz
25
°C
0.6
fA/
√Hz
AV = 1
0.002
VO(PP) = 8 V,
Total harmonic distortion plus
THD+N
RL = 10 kΩ and 250 Ω,
AV = 10
25
°C
0.005
%
noise
f = 1 kHz
AV = 100
0.022
t(on)
Amplifier turn-on time(2)
RL = 10 kΩ
25
°C
0.47
μs
t(off)
Amplifier turn-off time(2)
RL = 10 kΩ
25
°C
2.5
μs
Gain-bandwidth product
f = 10 kHz, RL = 10 kΩ
25
°C
10
MHz
0.1%
0.17
V(STEP)PP = 1 V, AV = –1,
CL = 10 pF, RL = 10 kΩ
0.01%
0.22
ts
Settling time
25
°C
μs
0.1%
0.17
V(STEP)PP = 1 V, AV = –1,
CL = 47 pF, RL = 10 kΩ
0.01%
0.29
CL = 50 pF
37
φm
Phase margin
RL = 10 kΩ
25
°C
deg
CL = 0 pF
42
CL = 50 pF
3.1
Gain margin
RL = 10 kΩ
25
°C
dB
CL = 0 pF
4
(1)
Full range is
–40°C to 125°C.
(2)
Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the
supply current has reached half its final value.
8
Copyright
© 2006–2011, Texas Instruments Incorporated


유사한 부품 번호 - TLC084QPWPRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC084QPWPRQ1 TI1-TLC084QPWPRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
More results

유사한 설명 - TLC084QPWPRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC082-Q1 TI1-TLC082-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC072-Q1 TI1-TLC072-Q1 Datasheet
412Kb / 21P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TLC072-Q1 TI-TLC072-Q1_15 Datasheet
907Kb / 24P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com