전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC2274AQPWRG4Q1 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC2274AQPWRG4Q1
상세설명  ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274AQPWRG4Q1 데이터시트(HTML) 2 Page - Texas Instruments

  TLC2274AQPWRG4Q1 Datasheet HTML 1Page - Texas Instruments TLC2274AQPWRG4Q1 Datasheet HTML 2Page - Texas Instruments TLC2274AQPWRG4Q1 Datasheet HTML 3Page - Texas Instruments TLC2274AQPWRG4Q1 Datasheet HTML 4Page - Texas Instruments TLC2274AQPWRG4Q1 Datasheet HTML 5Page - Texas Instruments TLC2274AQPWRG4Q1 Datasheet HTML 6Page - Texas Instruments TLC2274AQPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TLC2274AQPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TLC2274AQPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Q3
Q6
Q9
Q12
Q14
Q16
Q2
Q5
Q7
Q8
Q10
Q11
D1
Q17
Q15
Q13
Q4
Q1
R5
C1
VDD+
IN +
IN −
R3
R4
R1
R2
OUT
VDD−
TLC2272-Q1 , TLC2272A-Q1
TLC2274-Q1, TLC2274A-Q1
SGLS007E
– FEBRUARY 2003 – REVISED JANUARY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICES(1)(2)
TA
VIOmax At 25°C
SMALL OUTLINE (D)
TSSOP (PW)
950
μV
TLC2272AQDRQ1
TLC2272AQPWRQ1
-40
°C to 125°C
2.5 mV
TLC2272QDRQ1
TLC2272QPWRQ1
950
μV
TLC2274AQDRQ1
TLC2274AQPWRQ1
-40
°C to 125°C
2.5 mV
TLC2274QDRQ1
TLC2274QPWRQ1
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Equivalent Schematic (Each Amplifier)
2
Submit Documentation Feedback
Copyright
© 2003–2012, Texas Instruments Incorporated
Product Folder Link(s): TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1


유사한 부품 번호 - TLC2274AQPWRG4Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2274AQPWRG4Q1 TI-TLC2274AQPWRG4Q1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC2274AQPWRG4Q1 TI1-TLC2274AQPWRG4Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS Rail-To-Rail Operational Amplifiers
More results

유사한 설명 - TLC2274AQPWRG4Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com