전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3.14.100.033-0000 데이터시트(PDF) 45 Page - C&K Components

부품명 3.14.100.033-0000
상세설명  RF short-travel keyswitches
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

3.14.100.033-0000 데이터시트(HTML) 45 Page - C&K Components

Back Button 3.14.100.033-0000 Datasheet HTML 40Page - C&K Components 3.14.100.033-0000 Datasheet HTML 41Page - C&K Components 3.14.100.033-0000 Datasheet HTML 42Page - C&K Components 3.14.100.033-0000 Datasheet HTML 43Page - C&K Components 3.14.100.033-0000 Datasheet HTML 44Page - C&K Components 3.14.100.033-0000 Datasheet HTML 45Page - C&K Components 3.14.100.033-0000 Datasheet HTML 46Page - C&K Components 3.14.100.033-0000 Datasheet HTML 47Page - C&K Components 3.14.100.033-0000 Datasheet HTML 48Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
RF short-travel keyswitches
Stock items are marked
by bold printed order numbers.
PCB Keyswitches
4 - 71
4
RF
Extension plunger for RF 15 N, round head, with recess for LED
Length
Overall height
Order no. complete
Width
Diameter
Colour
15 mm
9 mm
5.46.017.036/0710
15 mm
9.7 mm
5.46.017.030/0710
15 mm
12.5 mm
5.46.017.037/0710
15 mm
13 mm
5.46.017.038/0710
15 mm
22.5 mm
5.46.017.028/0710
Length of plunger = Overall height - 4.25 mm.
Keycap for RF 15, snap-on, for overall height 12.5 mm
Length
Overall height
Order no. complete
Width
Diameter
Colour
14.2 mm
14.2 mm
beige
12.5 mm
5.46.654.059/0227
16165-r400-070-E1
2/8/05
4:22 PM
Page 4 - 71


유사한 부품 번호 - 3.14.100.033-0000

제조업체부품명데이터시트상세설명
logo
C&K Components
3.14.100.501/0000 CK-COMPONENTS-3.14.100.501/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14.100.506/0000 CK-COMPONENTS-3.14.100.506/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14.100.531/0000 CK-COMPONENTS-3.14.100.531/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14.100.532/0000 CK-COMPONENTS-3.14.100.532/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14.100.533/0000 CK-COMPONENTS-3.14.100.533/0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
More results

유사한 설명 - 3.14.100.033-0000

제조업체부품명데이터시트상세설명
logo
C&K Components
3.14200.0110000 CK-COMPONENTS-3.14200.0110000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
logo
ITT Industries
KN19 ITT-KN19 Datasheet
168Kb / 4P
   Short-travel main switch
logo
C&K Components
5.46.167.042-0209 CK-COMPONENTS-5.46.167.042-0209 Datasheet
687Kb / 19P
   PCB Keyswitches
1.14100.5020000 CK-COMPONENTS-1.14100.5020000 Datasheet
687Kb / 19P
   PCB Keyswitches
logo
TP-Link Technologies Co...
AC750 TP-LINK-AC750_V01 Datasheet
2Mb / 5P
   Wireless Travel Router
logo
ALPS ELECTRIC CO.,LTD.
SSAA ALPS-SSAA Datasheet
279Kb / 4P
   2mm-travel Type
logo
Molex Electronics Ltd.
130171-0317 MOLEX11-130171-0317 Datasheet
23Kb / 1P
   Aero-Motive Heavy Industrial Duty EB Balancer with Short Travel for Cable Assembly
logo
ALPS ELECTRIC CO.,LTD.
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
   1.5mm-travel Vertical Type
SPEC ALPS-SPEC Datasheet
151Kb / 3P
   2.5mm-travel Vertical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com