전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP421AIDCNTG4 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP421AIDCNTG4
상세설명  짹1째C Remote and Local TEMPERATURE SENSOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP421AIDCNTG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TMP421AIDCNTG4 Datasheet HTML 5Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 6Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 7Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 8Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 9Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 10Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 11Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 12Page - Texas Instruments TMP421AIDCNTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
0.1 F
m
10kW
(typ)
10kW
(typ)
TMP421
DXP
DXN
V+
8
7
6
5
2
1
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
SCL
SDA
+5V
SMBus
Controller
Diode-connectedconfiguration :
(1)
SeriesResistance
Transistor-connectedconfiguration :
(1)
A1
A0
4
3
TMP421
TMP422
TMP423
www.ti.com
SBOS398C – JULY 2007 – REVISED MAY 2012
APPLICATION INFORMATION
The TMP421 is a two-channel digital temperature
For proper remote temperature sensing operation, the
sensor that combines a local die temperature-
TMP421
requires
only
a
transistor
connected
measurement
channel
and
a
remote-junction
between DXP and DXN pins. If the remote channel is
temperature-measurement channel, and is available
not utilized, DXP can be left open or tied to GND.
in SOT23-8 and DSBGA-8 packages. The TMP422
The TMP422 requires transistors connected between
(three-channel),
and
TMP423
(four-channel)
are
DX1 and DX2 and between DX3 and DX4. Unused
digital temperature sensors that combine a local die
channels on the TMP422 must be connected to GND.
temperature measurement channel and two or three
The TMP423 requires a transistor connected to each
remote junction temperature measurement channels,
positive channel (DXP1, DXP2, and DXP3), with the
respectively, in a single SOT23-8 package. These
base of each channel tied to the common negative,
devices
are
two-wire-
and
SMBus
interface-
DXN. For an unused channel, the TMP423 DXP pin
compatible and are specified over a temperature
can be left open or tied to GND.
range of –40°C to +125°C. The TMP421/22/23 each
contain multiple registers for holding configuration
The TMP421/22/23 SCL and SDA interface pins each
information and temperature measurement results.
require pull-up resistors as part of the communication
bus. A 0.1
μF power-supply bypass capacitor is
recommended
for
local
bypassing.
Figure
11,
Figure 12, and Figure 13 show typical configurations
for the TMP421, TMP422, and TMP423, respectively.
(1) Diode-connected configuration provides better settling time. Transistor-connected configuration provides better series resistance
cancellation.
(2) RS (optional) should be < 1.5kΩ in most applications. Selection of RS depends on application; see the Filtering section.
(3) CDIFF (optional) should be < 1000pF in most applications. Selection of CDIFF depends on application; see the Filtering section and
Figure 6, Remote Temperature Error vs Differential Capacitance.
Figure 11. TMP421 Basic Connections
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMP421 TMP422 TMP423


유사한 부품 번호 - TMP421AIDCNTG4

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TMP421AIDCNTG4 BURR-BROWN-TMP421AIDCNTG4 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421AIDCNTG4 TI-TMP421AIDCNTG4 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
More results

유사한 설명 - TMP421AIDCNTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com