전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP300BQDCKRQ1 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP300BQDCKRQ1
상세설명  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300BQDCKRQ1 데이터시트(HTML) 3 Page - Texas Instruments

  TMP300BQDCKRQ1 Datasheet HTML 1Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 2Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 3Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 4Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 5Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 6Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 7Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 8Page - Texas Instruments TMP300BQDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TMP300B-Q1
www.ti.com
SBOS586
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS
At VS = 3.3V and TA = –40°C to +125°C, unless otherwise noted.
TMP300B-Q1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
VS = 2.35V to 18V
–40
+125
°C
Measurement Range
100
×
VS = 1.8V to 2.35V
–40
°C
(VS – 0.95)
TRIP POINT
Total Accuracy
TA = –40°C to +125°C
±2
±6
°C
RSET Equation
TC is in °C
RSET = 10 (50 + TC)/3
k
HYSTERESIS SET INPUT
LOW Threshold (1)
0.4
V
HIGH Threshold (1)
VS – 0.4
V
HYSTSET = GND
5
°C
Threshold Hysteresis
HYSTSET = VS
10
°C
DIGITAL OUTPUT
Logic Family
CMOS
Open-Drain Leakage Current (1)
OUT = VS
10
μA
Logic Levels
VOL
VS = 1.8V to 18V, ISINK = 5mA
0.3
V
ANALOG OUTPUT
Accuracy
±2
±5
°C
Temperature Sensitivity
10
mV/
°C
Output Voltage (1)
TA = +25°C
720
750
780
mV
VTEMP Pin Output Resistance
210
k
POWER SUPPLY
VS = 1.8V to 18V,
Quiescent Current(2)
IQ
110
μA
TA = –40°C to +125°C
TEMPERATURE RANGE
VS = 2.35V to 18V
–40
+125
°C
Specified Range
TA
100
×
VS = 1.8V to 2.35V
–40
°C
(VS – 0.95)
VS = 2.35V to 18V
–40
+150
°C
Operating Range
TA
100
×
VS = 1.8V to 2.35V
–50
°C
(VS – 0.95)
Thermal Resistance
θJA
SC70
250
°C/W
SOT23-6
180
°C/W
(1)
Specified by design. Not production tested.
(2)
See Figure 1 for typical quiescent current.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP300B-Q1


유사한 부품 번호 - TMP300BQDCKRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
TMP300BIDBVT TI1-TMP300BIDBVT Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVT TI1-TMP300BIDBVT Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
TMP300BIDCKR TI1-TMP300BIDCKR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
More results

유사한 설명 - TMP300BQDCKRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com