전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP816 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP816
상세설명  VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP816 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TMP816 Datasheet HTML 3Page - Texas Instruments TMP816 Datasheet HTML 4Page - Texas Instruments TMP816 Datasheet HTML 5Page - Texas Instruments TMP816 Datasheet HTML 6Page - Texas Instruments TMP816 Datasheet HTML 7Page - Texas Instruments TMP816 Datasheet HTML 8Page - Texas Instruments TMP816 Datasheet HTML 9Page - Texas Instruments TMP816 Datasheet HTML 10Page - Texas Instruments TMP816 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RMI Voltage
VTH Voltage
0 V
ON Duty Cycle
0%
100%
SS Voltage
4.55 V
CPWM
1.65 V
Lock Protection
Soft-Start Section
VTH Set Speed
Time
RMI Voltage
VTH Voltage
0 V
ON Duty Cycle
0%
100%
SS Voltage
4.55 V
CPWM
1.65 V
Lock Protection
Soft-
Start
Section
RMI Set Speed
Time
TMP816
www.ti.com ........................................................................................................................................................................................................ SLVS787 – MAY 2009
Figure 3. Soft-Start Control Timing (VTH < RMI Voltage)
Figure 4. Soft-Start Control Timing (VTH > RMI Voltage)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7


유사한 부품 번호 - TMP816

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP816 TI1-TMP816 Datasheet
1Mb / 20P
[Old version datasheet]   TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
TMP816PWR TI1-TMP816PWR Datasheet
1Mb / 20P
[Old version datasheet]   TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
TMP816 TI1-TMP816_15 Datasheet
1Mb / 20P
[Old version datasheet]   TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
More results

유사한 설명 - TMP816

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
ON Semiconductor
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV_11 Datasheet
220Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
Unisonic Technologies
F2967 UTC-F2967_18 Datasheet
199Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com