전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP821DRG4 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TMP821DRG4
상세설명  TWO-PHASE HALF-WAVE MOTOR PREDRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP821DRG4 데이터시트(HTML) 3 Page - Texas Instruments

  TMP821DRG4 Datasheet HTML 1Page - Texas Instruments TMP821DRG4 Datasheet HTML 2Page - Texas Instruments TMP821DRG4 Datasheet HTML 3Page - Texas Instruments TMP821DRG4 Datasheet HTML 4Page - Texas Instruments TMP821DRG4 Datasheet HTML 5Page - Texas Instruments TMP821DRG4 Datasheet HTML 6Page - Texas Instruments TMP821DRG4 Datasheet HTML 7Page - Texas Instruments TMP821DRG4 Datasheet HTML 8Page - Texas Instruments TMP821DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TMP821
SLDS152 – JANUARY 2008
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage
30
V
VAL
Output voltage (AL)
30
V
IOUT
Continuous output current (A1, A2)
70
mA
IAL
Continuous output current (AL)
8
mA
θ
JA
Package thermal impedance(2)
97
°C/W
TJ
Operating junction temperature range
–40 to 125
°C
Tstg
Storage temperature range
–55 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Package thermal impedance is calculated in accordance with JESD 51-7.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
4
28
V
VH
Hall amplifier input voltage
1
VCC – 0.5
V
TA
Operating free-air temperature
–40
100
°C
VCC = 12 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VHYS
Hall amplifier input voltage hysteresis
±3
±15
mV
VAL
Lock alarm signal low-level output voltage
AL
IAL = 5 mA
0.5
V
IAL
Lock alarm signal low-level output current
AL
VAL = 2 V
8
mA
ILDC
Lock detection capacitor charge current
LD
VLD = 1.5 V
2
3.45
5.25
µA
ILDD
Lock detection capacitor discharge current
LD
VLD = 1.5 V
0.35
0.8
1.45
µA
Lock detection capacitor charge/discharge
rCD
LD
rCD = ILDC/ILDD
3
4.5
8
current ratio
VLDCL
Lock detection capacitor clamp voltage
LD
2.2
2.6
3
V
VLDCP
Lock detection capacitor comparator voltage
LD
0.4
0.6
0.8
V
V7H
High-level output voltage
A1
IOH = –10 mA
10
10.5
V
V8H
High-level output voltage
A2
IOH = –10 mA
10
10.5
V
ICC
Supply current
Output off
3.2
5
mA
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3


유사한 부품 번호 - TMP821DRG4

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP8251AP TOSHIBA-TMP8251AP Datasheet
232Kb / 18P
   ROGRAMMABL COMMUNICATION INTERFACE
TMP8253 TOSHIBA-TMP8253 Datasheet
319Kb / 14P
   PROGRAMMABLE INTERVAL TIMER
TMP8253P-5 TOSHIBA-TMP8253P-5 Datasheet
319Kb / 14P
   PROGRAMMABLE INTERVAL TIMER
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
   PROGRAMMABLE PERIPHERAL INTERFACE
TMP8255AP-5 TOSHIBA-TMP8255AP-5 Datasheet
685Kb / 19P
   PROGRAMMABLE PERIPHERAL INTERFACE
More results

유사한 설명 - TMP821DRG4

제조업체부품명데이터시트상세설명
logo
Rohm
BA6406F ROHM-BA6406F Datasheet
62Kb / 5P
   2-phase half-wave motor predriver
BA6404F ROHM-BA6404F Datasheet
38Kb / 3P
   2-phase half-wave motor predriver
BA6402F ROHM-BA6402F Datasheet
46Kb / 3P
   2-phase half-wave motor predriver
logo
Fairchild Semiconductor
FAN8412M FAIRCHILD-FAN8412M Datasheet
315Kb / 16P
   2 Phase Half Wave BLDC Motor Predriver
logo
Unisonic Technologies
UA9406 UTC-UA9406 Datasheet
94Kb / 5P
   LINEAR INTEGRATED CIRCUIT (2-PHASE HALF-WAVE MOTOR PREDRIVER)
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
   For Fan Motor Two-Phase Half-Wave Driver
logo
ON Semiconductor
LB11669MC ONSEMI-LB11669MC Datasheet
193Kb / 4P
   Two-Phase Half-Wave Driver
May, 2013
LB11668MC ONSEMI-LB11668MC Datasheet
125Kb / 7P
   Two-Phase Half-Wave Driver
May, 2013
logo
Rohm
BA6406F ROHM-BA6406F_12 Datasheet
509Kb / 16P
   Two-Phase Half-Wave Pre Driver Fan Motor Driver
logo
ON Semiconductor
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
   Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com