전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL0202-10 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL0202-10
상세설명  256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0202-10 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TPL0202-10 Datasheet HTML 4Page - Texas Instruments TPL0202-10 Datasheet HTML 5Page - Texas Instruments TPL0202-10 Datasheet HTML 6Page - Texas Instruments TPL0202-10 Datasheet HTML 7Page - Texas Instruments TPL0202-10 Datasheet HTML 8Page - Texas Instruments TPL0202-10 Datasheet HTML 9Page - Texas Instruments TPL0202-10 Datasheet HTML 10Page - Texas Instruments TPL0202-10 Datasheet HTML 11Page - Texas Instruments TPL0202-10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TPL0202
SLIS135C – DECEMBER 2010 – REVISED JUNE 2012
www.ti.com
SPI INTERFACE TIMING REQUIREMENTS
VDD = 2.7V to 5.5V, VH= VDD, VL= GND, TA= -40°C to 85°C (unless otherwise noted)
MIN
TYP
UNIT
MAX
fSCLK
SLCK frequency
5
MHz
tSCP
SCLK period
200
ns
tSCH
SCLK high time
80
ns
tSCL
SCLK low time
80
ns
tCSS
CS fall to SCLK rise setup time
80
ns
tCSH
SCLK rise to CS hold time
0
ns
tDS
DIN to SCLK setup time
50
ns
tDH
DIN hold after SCLK rise to CS fall
0
ns
tCS0
SCLK rise to CS fall
20
ns
tCS1
CS rise to SCLK rise hold
80
ns
tCSW
CS pulse width high
200
ns
8
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPL0202


유사한 부품 번호 - TPL0202-10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0202 TI1-TPL0202 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Potentiometer
More results

유사한 설명 - TPL0202-10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Analog Devices
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
   Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com