전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL0501-100 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL0501-100
상세설명  256 Taps Single Channel Digital Potentiometer With SPI Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0501-100 데이터시트(HTML) 4 Page - Texas Instruments

  TPL0501-100 Datasheet HTML 1Page - Texas Instruments TPL0501-100 Datasheet HTML 2Page - Texas Instruments TPL0501-100 Datasheet HTML 3Page - Texas Instruments TPL0501-100 Datasheet HTML 4Page - Texas Instruments TPL0501-100 Datasheet HTML 5Page - Texas Instruments TPL0501-100 Datasheet HTML 6Page - Texas Instruments TPL0501-100 Datasheet HTML 7Page - Texas Instruments TPL0501-100 Datasheet HTML 8Page - Texas Instruments TPL0501-100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TPL0501
SLIS136A
– SEPTEMBER 2011 – REVISED SEPTEMBER 2011
www.ti.com
ANALOG SPECIFICATIONS (continued)
Typical Values are specified at VDD=5V and operating temperature of 25 C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TCV
Ratiometric temperature coefficient
Wiper set at mid-scale
4
ppm/
°C
BW
Bandwidth
Wiper set at mid-scale, TPL0501-100, CLOAD=10pF
265
kHz
TSW
Wiper settling time
TPL0501-100
3
µS
VH = 1VRMS at 1kHz,
THD
Total harmonic distortion
0.005
%
VL = VDD/2, measurement at W
RHEOSTAT MODE (Measurements between Wi and Li with Hi not connected, or between Wi and Hi with Li not connected)
RINL
Integral non-linearity
–1
1
LSB
RDNL
Differential non-linearity
–0.5
0.5
LSB
ROFFSET
Offset
0
0.5
2
LSB
Code=0x00h, L Floating, Input applied to W, 10 pF
RBW
Bandwidth
60
kHz
on H
OPERATING SPECIFICATIONS
Typical Values are specified at VDD=5V and operating temperature of 25 C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
IDD(STBY)
VDD Standby current
0.3
8
µA
IIN-DIG
Digital pins leakage current (SCLK, DIN, CS inputs)
–1
1
µA
Digital Input= 1.8V, VDD=2.7V
5
µA
IDD(SUPPL
VDD Supply Current
Y)
Digital Input= 1.8V, VDD=5V
500
µA
SERIAL INTERFACE SPECS (SCLK, DIN, CS Inputs)
VIH
Input high voltage
VDD = 2.7 V to 5.5 V
1.8
5.5
V
VIL
Input low voltage
SCLK, DIN, CS Inputs
0
0.6
V
CIN
Pin capacitance
SCLK, DIN, CS Inputs
7
10
pF
SPI INTERFACE TIMING CHARACTERISTICS
fSCLK
SCLK Frequency
25
MHz
tSCP
SCLK Period
40
ns
tSCH
SCLK High time
20
ns
tSCL
SCLK Low time
20
ns
tDS
DIN to SCLK setup time
5
ns
tDH
DIN hold after SCLK
5
ns
tCSS
CS Fall to SCLK rise setup time
15
ns
tCSW
CS Pulse width high
40
ns
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPL0501


유사한 부품 번호 - TPL0501-100

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0501-100DCNR TI1-TPL0501-100DCNR Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100RSER TI1-TPL0501-100RSER Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results

유사한 설명 - TPL0501-100

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
   Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com