전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL0501-100 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPL0501-100
상세설명  256 Taps Single Channel Digital Potentiometer With SPI Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0501-100 데이터시트(HTML) 1 Page - Texas Instruments

  TPL0501-100 Datasheet HTML 1Page - Texas Instruments TPL0501-100 Datasheet HTML 2Page - Texas Instruments TPL0501-100 Datasheet HTML 3Page - Texas Instruments TPL0501-100 Datasheet HTML 4Page - Texas Instruments TPL0501-100 Datasheet HTML 5Page - Texas Instruments TPL0501-100 Datasheet HTML 6Page - Texas Instruments TPL0501-100 Datasheet HTML 7Page - Texas Instruments TPL0501-100 Datasheet HTML 8Page - Texas Instruments TPL0501-100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
2
3
4
5
6
7
8
SCLK
CS
GND
DIN
H
W
VDD
L
W
L
CS
H
GND
VDD
1
2
3
6
8
7
DIN
SCLK
4
5
TPL0501
www.ti.com
SLIS136A
– SEPTEMBER 2011 – REVISED SEPTEMBER 2011
256 Taps Single Channel Digital Potentiometer With SPI Interface
Check for Samples: TPL0501
1
FEATURES
MicroQFN
– RSE PACKAGE
Single Channel, 256-Position Resolution
(TOP VIEW)
100 k
Ω End-to-End Resistance Options
Low Temperature Coefficient: 35 ppm/
°C
SPI-Compatible Serial Interface
2.7 V to 5.5V Single-Supply Operation
±20% Resistance Tolerance
Operating Temperature
–40°C to 125°C
ESD Performance Tested per JESD 22
– 2000 V Human Body Model (A114-B, Class
II)
SOT-23
– DCN PACKAGE
APPLICATIONS
(TOP VIEW)
Adjustable Power Supplies
Adjustable Gain Amplifiers and Offset
Trimming
Precision Calibration of Set Point Thresholds
Sensor Trimming and Calibration
Mechanical Potentiometer Replacement
DESCRIPTION
The TPL0501 is a single channel, linear-taper digital potentiometer with 256 wiper positions. This device can be
used as a three-terminal potentiometer or as a two-terminal rheostat. The TPL0501 is currently offered with
end-to-end resistance of 100k
Ω.
The internal registers of the TPL0501 can be accessed using a SPI-compatible interface. The TPL0501 has a
nominal temperature coefficient of 35ppm/
°C.
The TPL0501 is available in an 8-pin SOT-23 and 8-microQFN package with a specified temperature range
of
–40°C to 85°C.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
microQFN-RSE
TPL0501-100RSER
7M
–40°C to 125°C
Tape and Reel
SOT23
– DCN
TPL0501-100DCNR
NF5T
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPL0501-100

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0501-100DCNR TI1-TPL0501-100DCNR Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100RSER TI1-TPL0501-100RSER Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results

유사한 설명 - TPL0501-100

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
   Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com