전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST31LF021-70-4C-WH 데이터시트(PDF) 5 Page - Silicon Storage Technology, Inc

부품명 SST31LF021-70-4C-WH
상세설명  2 Mbit Flash 1 Mbit SRAM ComboMemory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST31LF021-70-4C-WH 데이터시트(HTML) 5 Page - Silicon Storage Technology, Inc

  SST31LF021-70-4C-WH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST31LF021-70-4C-WH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST31LF021-70-4C-WH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST31LF021-70-4C-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST31LF021-70-4C-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST31LF021-70-4C-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST31LF021-70-4C-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST31LF021-70-4C-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST31LF021-70-4C-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
2 Mbit Flash + 1 Mbit SRAM ComboMemory
SST31LF021 / SST31LF021E
5
©2001 Silicon Storage Technology, Inc.
S71137-03-000
10/01 392
internal Program or Erase operation. See Table 4 for soft-
ware command codes, Figure 12 for timing waveform and
Figure 18 for a flowchart.
Design Considerations
SST recommends a high frequency 0.1 µF ceramic capac-
itor to be placed as close as possible between VDD and
VSS, e.g., less than 1 cm away from the VDD pin of the
device. Additionally, a low frequency 4.7 µF electrolytic
capacitor from VDD to VSS should be placed within 1 cm of
the VDD pin.
FIGURE 1: PIN ASSIGNMENTS FOR 32-LEAD TSOP (8MM X 14MM)
I/O Buffers
392 ILL B1.2
Address Buffers
DQ7 - DQ0
SuperFlash
Memory
SRAM
Control Logic
Address Buffers
& Latches
OE#
BEF#
WE#
BES#
AMS - A0
Note: AMS = Most Significant Address
FUNCTIONAL BLOCK DIAGRAM
A11
A9
A8
A13
A14
A17
WE#
VDD
BES#
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#
A10
BEF#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#
A10
BEF#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
392 ILL F01.3
Standard Pinout
Top View
Die Up
A11
A9
A8
A13
A14
A17
BES#
VDD
WE#
A16
A15
A12
A7
A6
A5
A4
SST31LF021E
SST31LF021
SST31LF021
SST31LF021E


유사한 부품 번호 - SST31LF021-70-4C-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST31LF021-70-4C-WH SST-SST31LF021-70-4C-WH Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
More results

유사한 설명 - SST31LF021-70-4C-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST34HF162G SST-SST34HF162G Datasheet
383Kb / 31P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF162C SST-SST34HF162C Datasheet
336Kb / 26P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
   4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
SST34HF324G SST-SST34HF324G Datasheet
496Kb / 30P
   32 Mbit Dual-Bank Flash 4 Mbit SRAM ComboMemory
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1642D SST-SST34HF1642D Datasheet
488Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com