전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST30VR041-500-C-WH 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc

부품명 SST30VR041-500-C-WH
상세설명  4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST30VR041-500-C-WH 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST30VR041-500-C-WH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST30VR041-500-C-WH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST30VR041-500-C-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR041-500-C-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR041-500-C-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR041-500-C-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR041-500-C-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR041-500-C-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST30VR041-500-C-WH Datasheet HTML 10Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Preliminary Specifications
4 Mbit ROM + 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041 / SST30VR043
©2001 Silicon Storage Technology, Inc.
S71134-02-000
4/01
381
PACKAGING DIAGRAMS
32-PIN THIN SMALL OUTLINE PACKAGE (TSOP) 8MM X 14MM
SST PACKAGE CODE: WH
32.TSOP-WH-ILL.4
Note:
1. Complies with JEDEC publication 95 MO-142 BA dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (min/max).
3. Coplanarity: 0.1 (±.05) mm.
4. Maximum allowable mold flash is 0.15mm at the package ends, and 0.25mm between leads.
8.10
7.90
.270
.170
1.05
0.95
.50
BSC
0.15
0.05
12.50
12.30
Pin # 1 Identifier
14.20
13.80
0.70
0.50
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.ssti.com


유사한 부품 번호 - SST30VR041-500-C-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST30VR021 SST-SST30VR021 Datasheet
111Kb / 12P
   2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR021-500-C-U1 SST-SST30VR021-500-C-U1 Datasheet
111Kb / 12P
   2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR021-500-C-WH SST-SST30VR021-500-C-WH Datasheet
111Kb / 12P
   2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR021-500-E-WH SST-SST30VR021-500-E-WH Datasheet
111Kb / 12P
   2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR021-70-C-WH SST-SST30VR021-70-C-WH Datasheet
111Kb / 12P
   2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
More results

유사한 설명 - SST30VR041-500-C-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST30VR021 SST-SST30VR021 Datasheet
111Kb / 12P
   2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
   4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
   1-Mbit Serial Voice ROM
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
logo
OKI electronic componet...
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
logo
Infineon Technologies A...
HYB25L256160AC INFINEON-HYB25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
HYE25L256160AC INFINEON-HYE25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
logo
Qimonda AG
HYB25L256160AC QIMONDA-HYB25L256160AC Datasheet
716Kb / 18P
   256-MBit Mobile-RAM
logo
Silicon Storage Technol...
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com