전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST32HF162 데이터시트(PDF) 6 Page - Silicon Storage Technology, Inc

부품명 SST32HF162
상세설명  Multi-Purpose Flash (MPF) SRAM ComboMemory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF162 데이터시트(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST32HF162 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF162 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF162 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF162 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF162 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF162 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF162 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF162 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST32HF162 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
Data Sheet
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF802 / SST32HF162 / SST32HF164
©2001 Silicon Storage Technology, Inc.
S71171-05-000
8/01
520
FIGURE 2: PIN ASSIGNMENTS FOR 48-BALL TBGA (10MM X 12MM)
TABLE
2: PIN DESCRIPTION
Symbol
Pin Name
Functions
AMS1-A0
1. AMS=Most significant address
Address Inputs
To provide flash addresses: A19-A0 for 16M, and A18-A0 for 8M
SRAM addresses: A16-A0 for 2M and A17-A0 for 4M
DQ15-DQ0
Data Input/output
To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a flash Erase/Program cycle.
The outputs are in tri-state when OE# or BES# and BEF# are high.
BES#
SRAM Memory Bank Enable
To activate the SRAM memory bank when BES# is low.
BEF#
Flash Memory Bank Enable
To activate the Flash memory bank when BEF# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.
VDDF
Power Supply (Flash)
2.7-3.3V Power Supply to Flash only.
VDDS
Power Supply (SRAM)
2.7-3.3V Power Supply to SRAM only
(For L3K package, VDDF and VDDS share one pin as VDD.)
VSS
Ground
UBS#
Upper Byte Control (SRAM)
To enable DQ15-DQ8
LBS#
Lower Byte Control (SRAM)
To enable
DQ7-DQ0
NC
No Connection
Unconnected Pins
T2.2 520
BES#
A10
OE#
A11
A13
WE#
VSS
DQ5
DQ7
A8
A17
VDDS
DQ1
DQ2
DQ4
A5
UBS#
A16
A1
A0
DQ0
DQ8
BEF#
VSS
A2
A3
A6
DQ3
DQ10
DQ9
A4
A7
A18
DQ12
VDDF
DQ11
NC
NC
NC
A12
DQ6
DQ13
A9
A14
A15
LBS#
DQ15
DQ14
A B C D E F G H
SST32HF802
6
5
4
3
2
1
TOP VIEW (balls facing down)
BES#
A10
OE#
A11
A13
WE#
VSS
DQ5
DQ7
A8
A17
VDDS
DQ1
DQ2
DQ4
A5
UBS#
A16
A1
A0
DQ0
DQ8
BEF#
VSS
A2
A3
A6
DQ3
DQ10
DQ9
A4
A7
A18
DQ12
VDDF
DQ11
A19
NC
NC
A12
DQ6
DQ13
A9
A14
A15
LBS#
DQ15
DQ14
A B C D E F G H
SST32HF162/SST32HF164
6
5
4
3
2
1
TOP VIEW (balls facing down)


유사한 부품 번호 - SST32HF162

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST32HF1621C SST-SST32HF1621C Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1621C-70-4C-LFS SST-SST32HF1621C-70-4C-LFS Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1621C-70-4C-LFSE SST-SST32HF1621C-70-4C-LFSE Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1621C-70-4C-LS SST-SST32HF1621C-70-4C-LS Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1621C-70-4C-LSE SST-SST32HF1621C-70-4C-LSE Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
More results

유사한 설명 - SST32HF162

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com