전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST31LF021E-300-4C-WH 데이터시트(PDF) 4 Page - Silicon Storage Technology, Inc

부품명 SST31LF021E-300-4C-WH
상세설명  2 Mbit Flash 1 Mbit SRAM ComboMemory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST31LF021E-300-4C-WH 데이터시트(HTML) 4 Page - Silicon Storage Technology, Inc

  SST31LF021E-300-4C-WH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST31LF021E-300-4C-WH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST31LF021E-300-4C-WH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST31LF021E-300-4C-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST31LF021E-300-4C-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST31LF021E-300-4C-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST31LF021E-300-4C-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST31LF021E-300-4C-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST31LF021E-300-4C-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Data Sheet
2 Mbit Flash + 1 Mbit SRAM ComboMemory
SST31LF021 / SST31LF021E
©2001 Silicon Storage Technology, Inc.
S71137-03-000
10/01 392
after the rising edge of the sixth WE# (or BEF#) pulse. See
Figure 7 for Data# Polling timing diagram and Figure 17 for
a flowchart.
Flash Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating 0s
and 1s, i.e., toggling between 0 and 1. When the internal
Program or Erase operation is completed, the toggling will
stop. The flash memory bank is then ready for the next
operation. The Toggle Bit is valid after the rising edge of the
fourth WE# (or BE#) pulse for Program operation. For Sec-
tor or Bank-Erase, the Toggle Bit is valid after the rising
edge of the sixth WE# (or BEF#) pulse. See Figure 8 for
Toggle Bit timing diagram and Figure 17 for a flowchart.
Flash Memory Data Protection
The SST31LF021/021E flash memory bank provides both
hardware and software features to protect nonvolatile data
from inadvertent writes.
Flash Hardware Data Protection
Noise/Glitch Protection: A WE# or BEF# pulse of less than
5 ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, BEF# high, or WE#
high will inhibit the Flash Write operation. This prevents
inadvertent writes during power-up or power-down.
Flash Software Data Protection (SDP)
The SST31LF021/021E provide the JEDEC approved
Software Data Protection scheme for all flash memory
bank data alteration operations, i.e., Program and Erase.
Any Program operation requires the inclusion of a series of
three-byte sequence. The three-byte load sequence is
used to initiate the Program operation, providing optimal
protection from inadvertent Write operations, e.g., during
the system power-up or power-down. Any Erase operation
requires the inclusion of six-byte load sequence. The
SST31LF021/021E devices are shipped with the Software
Data Protection permanently enabled. See Table 4 for the
specific software command codes. During SDP command
sequence, invalid SDP commands will abort the device to
the Read mode, within TRC.
Concurrent Read and Write Operations
The SST31LF021/021E provide the unique benefit of
being able to read from or write to SRAM, while simulta-
neously erasing or programming the flash. The device will
ignore all SDP commands when an Erase or Program
operation is in progress. This allows data alteration code to
be executed from SRAM, while altering the data in flash.
The following table lists all valid states. SST does not rec-
ommend that both bank enables, BEF# and BES#, be
simultaneously asserted.
Note that Product Identification commands use SDP;
therefore, these commands will also be ignored while an
Erase or Program operation is in progress.
Product Identification
The Product Identification mode identifies the devices as
either SST31LF021 or SST31LF021E and the manufac-
turer as SST. This mode may be accessed by hardware or
software operations. The hardware device ID Read opera-
tion is typically used by a programmer to identify the correct
algorithm for the SST31LF021/021E flash memory banks.
Users may wish to use the software Product Identification
operation to identify the part (i.e., using the device ID) when
using multiple manufacturers in the same socket. For
details, see Table 3 for hardware operation or Table 4 for
software operation, Figure 11 for the software ID entry and
read timing diagram and Figure 18 for the ID entry com-
mand sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exiting is
accomplished by issuing the Exit ID command sequence,
which returns the device to the Read operation. Please
note that the software reset command is ignored during an
CONCURRENT READ/WRITE STATE TABLE
Flash
SRAM
Program/Erase
Read
Program/Erase
Write
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST31LF021
0001H
18H
SST31LF021E
0001H
19H
T1.4 392


유사한 부품 번호 - SST31LF021E-300-4C-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST31LF021E-300-4C-WH SST-SST31LF021E-300-4C-WH Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
More results

유사한 설명 - SST31LF021E-300-4C-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST34HF162G SST-SST34HF162G Datasheet
383Kb / 31P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF162C SST-SST34HF162C Datasheet
336Kb / 26P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
   4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
SST34HF324G SST-SST34HF324G Datasheet
496Kb / 30P
   32 Mbit Dual-Bank Flash 4 Mbit SRAM ComboMemory
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1642D SST-SST34HF1642D Datasheet
488Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com