전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST31LF043-70-4C-WH 데이터시트(PDF) 11 Page - Silicon Storage Technology, Inc

부품명 SST31LF043-70-4C-WH
상세설명  4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST31LF043-70-4C-WH 데이터시트(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST31LF043-70-4C-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST31LF043-70-4C-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST31LF043-70-4C-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST31LF043-70-4C-WH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST31LF043-70-4C-WH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST31LF043-70-4C-WH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST31LF043-70-4C-WH Datasheet HTML 13Page - Silicon Storage Technology, Inc SST31LF043-70-4C-WH Datasheet HTML 14Page - Silicon Storage Technology, Inc SST31LF043-70-4C-WH Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
4 Mbit Flash + 1 Mbit or 256 Kbit SRAM ComboMemory
SST31LF041 / SST31LF041A / SST31LF043 / SST31LF043A
11
©2001 Silicon Storage Technology, Inc.
S71107-03-000
5/01
349
TABLE 12: FLASH PROGRAM/ERASE CYCLE TIMING PARAMETERS (VDD = 3.0-3.6V)
Symbol
Parameter
SST31LF041/043-70
SST31LF041A/
043A-300
Units
Min
Max
Min
Max
TBP
Byte-Program Time
20
20
µs
TAS
Address Setup Time
0
0
ns
TAH
Address Hold Time
30
50
ns
TBS
WE# and BEF# Setup Time
0
0
ns
TBH
WE# and BEF# Hold Time
0
0
ns
TOES
OE# High Setup Time
0
0
ns
TOEH
OE# High Hold Time
10
10
ns
TBP
BEF# Pulse Width
40
100
ns
TWP
WE# Pulse Width
40
100
ns
TWPH
WE# Pulse Width High
30
50
ns
TBPH
BEF# Pulse Width High
30
50
ns
TDS
Data Setup Time
40
50
ns
TDH
Data Hold Time
0
0
ns
TIDA
Software ID Access and Exit Time
150
150
ns
TSE
Sector-Erase
25
25
ms
TSBE
Bank-Erase
100
100
ms
TBS
Bank Enable Setup Time for Concurrent Operation
0
0
ns
T12.4 349


유사한 부품 번호 - SST31LF043-70-4C-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST31LF041 SST-SST31LF041 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041-70-4C-WI SST-SST31LF041-70-4C-WI Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041-70-4E-WI SST-SST31LF041-70-4E-WI Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041A SST-SST31LF041A Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041A-300-4C-WH SST-SST31LF041A-300-4C-WH Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results

유사한 설명 - SST31LF043-70-4C-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021 Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST34HF324G SST-SST34HF324G Datasheet
496Kb / 30P
   32 Mbit Dual-Bank Flash 4 Mbit SRAM ComboMemory
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST34HF162G SST-SST34HF162G Datasheet
383Kb / 31P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF162C SST-SST34HF162C Datasheet
336Kb / 26P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com