전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29VF010-250-4C-NH 데이터시트(PDF) 9 Page - Silicon Storage Technology, Inc

부품명 SST29VF010-250-4C-NH
상세설명  2 Mbit (256K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VF010-250-4C-NH 데이터시트(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST29VF010-250-4C-NH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VF010-250-4C-NH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VF010-250-4C-NH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VF010-250-4C-NH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VF010-250-4C-NH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29VF010-250-4C-NH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29VF010-250-4C-NH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29VF010-250-4C-NH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29VF010-250-4C-NH Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
2 Mbit Page-Mode EEPROM
SST29EE020 / SST29LE020 / SST29VE020
9
©2001 Silicon Storage Technology, Inc.
S71062-06-000
6/01
307
TABLE
7: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ1
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Write Operation
5
ms
T7.1 307
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE
8: CAPACITANCE (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T8.0 307
TABLE
9: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100
mA
JEDEC Standard 78
T9.5 307


유사한 부품 번호 - SST29VF010-250-4C-NH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29VF010-55-4C-NH SST-SST29VF010-55-4C-NH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4C-PH SST-SST29VF010-55-4C-PH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4C-WH SST-SST29VF010-55-4C-WH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4I-NH SST-SST29VF010-55-4I-NH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF010-55-4I-PH SST-SST29VF010-55-4I-PH Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
More results

유사한 설명 - SST29VF010-250-4C-NH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Macronix International
MX27C4111 MCNIX-MX27C4111 Datasheet
522Kb / 15P
   4M-BIT [512K x8/256K x16] CMOS EPROM WITH PAGE MODE
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com