전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST29VF040-70-4I-NH 데이터시트(PDF) 10 Page - Silicon Storage Technology, Inc

부품명 SST29VF040-70-4I-NH
상세설명  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VF040-70-4I-NH 데이터시트(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST29VF040-70-4I-NH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NH Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NH Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NH Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29VF040-70-4I-NH Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Preliminary Specifications
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Small-Sector Flash
SST29SF512 / SST29SF010 / SST29SF020 / SST29SF040
SST29VF512 / SST29VF010 / SST29VF020 / SST29VF040
©2001 Silicon Storage Technology, Inc.
S71160-05-000
5/01
505
AC CHARACTERISTICS
TABLE 10: READ CYCLE TIMING PARAMETERS
VDD = 5V±10% FOR SST29SFXXX AND 2.7-3.6V FOR SST29VFXXX
Symbol
Parameter
SST29SF/VFxxx-55
SST29SF/VFxxx-70
Units
Min
Max
Min
Max
TRC
Read Cycle Time
55
70
ns
TCE
Chip Enable Access Time
55
70
ns
TAA
Address Access Time
55
70
ns
TOE
Output Enable Access Time
30
35
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
20
25
ns
TOHZ1
OE# High to High-Z Output
20
25
ns
TOH1
Output Hold from Address Change
00
ns
T10.5 505
TABLE 11: PROGRAM/ERASE CYCLE TIMING PARAMETERS
VDD = 5V±10%V FOR SST29SFXXX AND 2.7-3.6V FOR SST29VFXXX
Symbol
Parameter
Min
Max
Units
TBP
Byte-Program Time
20
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
30
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
40
ns
TWP
WE# Pulse Width
40
ns
TWPH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
WE# Pulse Width High
30
ns
TCPH1
CE# Pulse Width High
30
ns
TDS
Data Setup Time
40
ns
TDH1
Data Hold Time
0
ns
TIDA1
Software ID Access and Exit Time
150
ns
TSE
Sector-Erase
25
ms
TSCE
Chip-Erase
100
ms
T11.6 505


유사한 부품 번호 - SST29VF040-70-4I-NH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST29VF040-70-4I-NH SST-SST29VF040-70-4I-NH Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF040-70-4I-NH SST-SST29VF040-70-4I-NH Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
SST29VF040-70-4I-NHE SST-SST29VF040-70-4I-NHE Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST29VF040-70-4I-NHE SST-SST29VF040-70-4I-NHE Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
More results

유사한 설명 - SST29VF040-70-4I-NH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF020 SST-SST29SF020_06 Datasheet
394Kb / 25P
   2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST29SF040 SST-SST29SF040 Datasheet
286Kb / 22P
   4 Mbit (x8) Small-Sector Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com