전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST30VR023-500-E-WH 데이터시트(PDF) 5 Page - Silicon Storage Technology, Inc

부품명 SST30VR023-500-E-WH
상세설명  2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST30VR023-500-E-WH 데이터시트(HTML) 5 Page - Silicon Storage Technology, Inc

  SST30VR023-500-E-WH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST30VR023-500-E-WH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST30VR023-500-E-WH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST30VR023-500-E-WH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST30VR023-500-E-WH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST30VR023-500-E-WH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST30VR023-500-E-WH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST30VR023-500-E-WH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST30VR023-500-E-WH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
2 Mbit ROM + 1 Mbit / 2Mbit / 256 Kbit SRAM
ROM/RAM Combo
SST30VR021 / SST30VR022 / SST30VR023
5
©2001 Silicon Storage Technology, Inc.
S71135-02-000
4/01
380
AC CHARACTERISTICS
I. ROM Operation
FIGURE 4: ROM READ CYCLE TIMING DIAGRAM (ADDRESS CONTROLLED) (ROMCS# = OE# = VIL)
TABLE
5: READ CYCLE TIMING PARAMETERS VDD = 3.0V±0.3
Symbol
Parameter
SST30VR022-70
SST30VR021/023-500
Units
Min
Max
Min
Max
TRC
Read Cycle Time
70
500
ns
TAA
Address Access Time
70
500
ns
TCO
Chip Select to Output
70
500
ns
TOE
Output Enable to Valid Output
35
250
ns
TLZ
Chip Select to Low-Z Output
0
25
ns
TOLZ
Output Enable to Low-Z Output
0
25
ns
THZ
Chip Disable to High-Z Output
25
30
ns
TOHZ
Output Disable to High-Z Output
25
30
ns
TOH
Output Hold from Address Change
10
15
ns
T5.1 380
TRC
TAA
Data Valid
380 ILL F02.0
Data Out
Previous Data Valid
Address
TOH


유사한 부품 번호 - SST30VR023-500-E-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-150-C-U1 SST-SST30VR041-150-C-U1 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-500-C-WH SST-SST30VR041-500-C-WH Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-500-E-WH SST-SST30VR041-500-E-WH Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST30VR041-70-C-U1 SST-SST30VR041-70-C-U1 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
More results

유사한 설명 - SST30VR023-500-E-WH

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
   4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
   1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
logo
Silicon Storage Technol...
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
OKI electronic componet...
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
logo
Silicon Storage Technol...
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021 Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
logo
Infineon Technologies A...
HYB25L256160AC INFINEON-HYB25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com