전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL32430E 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL32430E
상세설명  짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32430E 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL32430E Datasheet HTML 7Page - Intersil Corporation ISL32430E Datasheet HTML 8Page - Intersil Corporation ISL32430E Datasheet HTML 9Page - Intersil Corporation ISL32430E Datasheet HTML 10Page - Intersil Corporation ISL32430E Datasheet HTML 11Page - Intersil Corporation ISL32430E Datasheet HTML 12Page - Intersil Corporation ISL32430E Datasheet HTML 13Page - Intersil Corporation ISL32430E Datasheet HTML 14Page - Intersil Corporation ISL32430E Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ISL32430E, ISL32432E, ISL32433E, ISL32435E, ISL32437E
11
FN7920.0
March 1, 2012
FIGURE 7A. TEST CIRCUIT
FIGURE 7B. MEASUREMENT POINTS
FIGURE 7. RECEIVER PROPAGATION DELAY AND DATA RATE
FIGURE 8A. TEST CIRCUIT
FIGURE 8B. MEASUREMENT POINTS
FIGURE 8. RECEIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
SIGNAL
GENERATOR
R
RO
RE
A
B
15pF
SIGNAL
GENERATOR
+1.5V
RO
+2.25V
+750mV
tPLH
1.5V
1.5V
VCC
0V
50%
50%
tPHL
A
B
1kΩ
VCC
GND
SW
PARAMETER
DE
A
SW
tHZ
0
+1.5V
GND
tLZ
0
-1.5V
VCC
tZH (Note 12)
0
+1.5V
GND
tZL (Note 12)
0
-1.5V
VCC
tZH(SHDN) (Note 15)
0
+1.5V
GND
tZL(SHDN) (Note 15)
0
-1.5V
VCC
SIGNAL
GENERATOR
R
RO
RE
A
B
15pF
RO
3V
0V
50%
50%
VOH
0V
1.5V
VOH - 0.5V
tHZ
RO
VCC
VOL
1.5V
VOL + 0.5V
tLZ
RE
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
Note 13
Note 13
OUTPUT HIGH
Note 13


유사한 부품 번호 - ISL32430E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL32430EIBZ RENESAS-ISL32430EIBZ Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL32430EIUZ RENESAS-ISL32430EIUZ Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
More results

유사한 설명 - ISL32430E

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com