전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST32HF162-70-4E-EK 데이터시트(PDF) 4 Page - Silicon Storage Technology, Inc

부품명 SST32HF162-70-4E-EK
상세설명  Multi-Purpose Flash (MPF) SRAM ComboMemory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST32HF162-70-4E-EK 데이터시트(HTML) 4 Page - Silicon Storage Technology, Inc

  SST32HF162-70-4E-EK Datasheet HTML 1Page - Silicon Storage Technology, Inc SST32HF162-70-4E-EK Datasheet HTML 2Page - Silicon Storage Technology, Inc SST32HF162-70-4E-EK Datasheet HTML 3Page - Silicon Storage Technology, Inc SST32HF162-70-4E-EK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST32HF162-70-4E-EK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST32HF162-70-4E-EK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST32HF162-70-4E-EK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST32HF162-70-4E-EK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST32HF162-70-4E-EK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
Data Sheet
Multi-Purpose Flash (MPF) + SRAM ComboMemory
SST32HF802 / SST32HF162 / SST32HF164
©2001 Silicon Storage Technology, Inc.
S71171-05-000
8/01
520
Sector- or Bank-Erase, the Toggle Bit is valid after the rising
edge of the sixth WE# (or BEF#) pulse. See Figure 10 for
Toggle Bit timing diagram and Figure 19 for a flowchart.
Flash Memory Data Protection
The SST32HF802/162/164 flash memory bank provides
both hardware and software features to protect nonvolatile
data from inadvertent writes.
Flash Hardware Data Protection
Noise/Glitch Protection: A WE# or BEF# pulse of less than
5 ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, BEF# high, or WE#
high will inhibit the Flash Write operation. This prevents
inadvertent writes during power-up or power-down.
Flash Software Data Protection (SDP)
The SST32HF802/162/164 provide the JEDEC approved
software data protection scheme for all flash memory bank
data alteration operations, i.e., Program and Erase. Any
Program operation requires the inclusion of a series of
three-byte sequence. The three byte-load sequence is
used to initiate the Program operation, providing optimal
protection from inadvertent Write operations, e.g., during
the system power-up or power-down. Any Erase operation
requires the inclusion of six-byte load sequence. The
SST32HF802/162/164 devices are shipped with the soft-
ware data protection permanently enabled. See Table 4 for
the specific software command codes. During SDP com-
mand sequence, invalid SDP commands will abort the
device to the read mode, within Read Cycle Time (TRC).
Concurrent Read and Write Operations
The SST32HF802/162/164 provide the unique benefit of
being able to read from or write to SRAM, while simulta-
neously erasing or programming the Flash. This allows data
alteration code to be executed from SRAM, while altering
the data in Flash. The following table lists all valid states.
The device will ignore all SDP commands when an Erase
or Program operation is in progress. Note that Product
Identification commands use SDP; therefore, these com-
mands will also be ignored while an Erase or Program
operation is in progress.
Product Identification
The product identification mode identifies the devices as
the SST32HFxxx and manufacturer as SST. This mode
may be accessed by software operations only. The
hardware device ID Read operation, which is typically
used by programmers, cannot be used on this device
because of the shared lines between flash and SRAM
in the multi-chip package. Therefore, application of
high voltage to pin A9 may damage this device. Users
may use the software product identification operation to
identify the part (i.e., using the device ID) when using multi-
ple manufacturers in the same socket. For details, see
Tables 3 and 4 for software operation, Figure 14 for the
software ID entry and read timing diagram and Figure 20
for the ID entry command sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard read mode, the Software
Product Identification mode must be exited. Exiting is
accomplished by issuing the Exit ID command sequence,
which returns the device to the Read operation. Please
note that the software-reset command is ignored during an
internal Program or Erase operation. See Table 4 for soft-
ware command codes, Figure 15 for timing waveform and
Figure 20 for a flowchart.
Design Considerations
SST recommends a high frequency 0.1 µF ceramic capac-
itor to be placed as close as possible between VDD and
VSS, e.g., less than 1 cm away from the VDD pin of the
device. Additionally, a low frequency 4.7 µF electrolytic
capacitor from VDD to VSS should be placed within 1 cm of
the VDD pin.
CONCURRENT READ/WRITE STATE TABLE
Flash
SRAM
Program/Erase
Read
Program/Erase
Write
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
00BFH
Device ID
SST32HF802
0001H
2781H
SST32HF162/164
0001H
2782H
T1.1 520


유사한 부품 번호 - SST32HF162-70-4E-EK

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST32HF1621C SST-SST32HF1621C Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1621C-70-4C-LFS SST-SST32HF1621C-70-4C-LFS Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1621C-70-4C-LFSE SST-SST32HF1621C-70-4C-LFSE Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1621C-70-4C-LS SST-SST32HF1621C-70-4C-LS Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1621C-70-4C-LSE SST-SST32HF1621C-70-4C-LSE Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
More results

유사한 설명 - SST32HF162-70-4E-EK

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST32HF202 SST-SST32HF202 Datasheet
410Kb / 30P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF201 SST-SST32HF201 Datasheet
325Kb / 26P
   Multi-Purpose Flash (MPF) SRAM ComboMemory
SST32HF1642 SST-SST32HF1642 Datasheet
432Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF324C SST-SST32HF324C Datasheet
357Kb / 28P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF1641 SST-SST32HF1641 Datasheet
431Kb / 36P
   Multi-Purpose Flash Plus SRAM ComboMemory
SST32HF32A2 SST-SST32HF32A2 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF64A2 SST-SST32HF64A2 Datasheet
827Kb / 38P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST32HF32A1 SST-SST32HF32A1 Datasheet
421Kb / 35P
   Multi-Purpose Flash Plus PSRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28