전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39LF100-70-4I-WI 데이터시트(PDF) 7 Page - Silicon Storage Technology, Inc

부품명 SST39LF100-70-4I-WI
상세설명  1 Mbit (64K x16) Multi-Purpose Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF100-70-4I-WI 데이터시트(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST39LF100-70-4I-WI Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39LF100-70-4I-WI Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39LF100-70-4I-WI Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39LF100-70-4I-WI Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39LF100-70-4I-WI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF100-70-4I-WI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF100-70-4I-WI Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39LF100-70-4I-WI Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39LF100-70-4I-WI Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
1 Mbit Multi-Purpose Flash
SST39LF100 / SST39VF100
7
©2001 Silicon Storage Technology, Inc.
S71129-02-000
6/01
363
TABLE
5: DC OPERATING CHARACTERISTICS VDD = 3.0-3.6V FOR SST39LF100 AND 2.7-3.6V FOR SST39VF100
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input = VIL/VIH, at f=1/TRC Min.,
VDD=VDD Max.
Read
30
mA
CE#=OE#=VIL,WE#=VIH, all I/Os open
Program and Erase
30
mA
CE#=WE#=VIL, OE#=VIH
ISB
Standby VDD Current
20
µA
CE#=VIHC, VDD = VDD Max.
ILI
Input Leakage Current
1
µA
VIN =GND to VDD, VDD = VDD Max.
ILO
Output Leakage Current
10
µA
VOUT =GND to VDD, VDD = VDD Max.
VIL
Input Low Voltage
0.8
VDD = VDD Min.
VIH
Input High Voltage
0.7VDD
VVDD = VDD Max.
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD = VDD Max.
VOL
Output Low Voltage
0.2
V
IOL = 5.8 mA, VDD = VDD Min.
VOH
Output High Voltage
VDD-0.2
V
IOH = -100 µA, VDD = VDD Min.
T5.5 363
TABLE
6: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Program/Erase Operation
100
µs
T6.0 363
TABLE
7: CAPACITANCE (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T7.0 363
TABLE
8: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T8.1 363


유사한 부품 번호 - SST39LF100-70-4I-WI

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4C-B3K SST-SST39LF160-55-4C-B3K Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4C-EK SST-SST39LF160-55-4C-EK Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4I-B3K SST-SST39LF160-55-4I-B3K Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39LF160-55-4I-EK SST-SST39LF160-55-4I-EK Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results

유사한 설명 - SST39LF100-70-4I-WI

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com