전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL267452 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL267452
상세설명  12-Bit, 555kSPS SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267452 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL267452 Datasheet HTML 3Page - Intersil Corporation ISL267452 Datasheet HTML 4Page - Intersil Corporation ISL267452 Datasheet HTML 5Page - Intersil Corporation ISL267452 Datasheet HTML 6Page - Intersil Corporation ISL267452 Datasheet HTML 7Page - Intersil Corporation ISL267452 Datasheet HTML 8Page - Intersil Corporation ISL267452 Datasheet HTML 9Page - Intersil Corporation ISL267452 Datasheet HTML 10Page - Intersil Corporation ISL267452 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL267452
7
FN8255.0
July 26, 2012
Timing Specifications Limits established by characterization and are not production tested. VDD = 3.0V to 3.6V, fSCLK =10MHz,
fS = 555kSPS, VREF = 2.0V; VDD = 4.75V to 5.25V, fSCLK =10MHz, fS = 555kSPS, VREF =2.5V; VCM = VREF unless otherwise noted. Boldface limits apply
over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
fSCLK
Clock Frequency
0.01
10
MHz
tSCLK
Clock Period
100
ns
tACQ
Acquisition Time
200
ns
tCONV
Conversion Time
1.6
µs
tCSW
CS Pulse Width
10
ns
tCSS
CS Falling Edge to SCLK Falling Edge Setup Time
10
ns
tCDV
CS Falling Edge to SDATA Valid
20
ns
tCLKDV
SCLK Falling Edge to SDATA Valid
40
ns
tSDH
SCLK Falling Edge to SDATA Hold
10
ns
tSW
SCLK Pulse Width
0.4 x tSCLK
ns
tDISABLE
SCLK Falling Edge to SDATA Disable Time
(Note 9)
Extrapolated back to true bus relinquish
10
35
ns
tQUIET
Quiet Time Before Sample
60
ns
NOTE:
9. During characterization, tDISABLE is measured from the release point with a 10pF load (see Figure 4) and the equivalent timing using the AD7452
loading (25pF) is calculated.
FIGURE 3. SERIAL INTERFACE TIMING DIAGRAM
SCLK
SDATA
12
3
4
5
16
15
14
tCSW
tCDV
tCSS
tCONV
13
00
0
0
MSB
D0
D1
D2
tQUIET
tSW
tCLKDV
CS
HI-Z
tACQ
FIGURE 4. EQUIVALENT LOAD CIRCUIT
OUTPUT
PIN
CL
10pF
VDD
2.85k
Ω
RL


유사한 부품 번호 - ISL267452

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL267452 INTERSIL-ISL267452 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
More results

유사한 설명 - ISL267452

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com