전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST27SF512-90-3C-PG 데이터시트(PDF) 5 Page - Silicon Storage Technology, Inc

부품명 SST27SF512-90-3C-PG
상세설명  256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST27SF512-90-3C-PG 데이터시트(HTML) 5 Page - Silicon Storage Technology, Inc

  SST27SF512-90-3C-PG Datasheet HTML 1Page - Silicon Storage Technology, Inc SST27SF512-90-3C-PG Datasheet HTML 2Page - Silicon Storage Technology, Inc SST27SF512-90-3C-PG Datasheet HTML 3Page - Silicon Storage Technology, Inc SST27SF512-90-3C-PG Datasheet HTML 4Page - Silicon Storage Technology, Inc SST27SF512-90-3C-PG Datasheet HTML 5Page - Silicon Storage Technology, Inc SST27SF512-90-3C-PG Datasheet HTML 6Page - Silicon Storage Technology, Inc SST27SF512-90-3C-PG Datasheet HTML 7Page - Silicon Storage Technology, Inc SST27SF512-90-3C-PG Datasheet HTML 8Page - Silicon Storage Technology, Inc SST27SF512-90-3C-PG Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit Multi-Purpose Flash
SST27SF256 / SST27SF512 / SST27SF010 / SST27SF020
5
©2001 Silicon Storage Technology, Inc.
S71152-02-000
5/01
502
FIGURE 2: PIN ASSIGNMENTS FOR 32-PIN TSOP (8MM X 14MM)
FIGURE 3: PIN ASSIGNMENTS FOR 28-PIN AND 32-PIN PDIP
502 ILL F01.1
A11
A9
A8
A13
A14
NC
NC
VDD
VPP
NC
NC
A12
A7
A6
A5
A4
A11
A9
A8
A13
A14
NC
NC
VDD
NC
NC
A15
A12
A7
A6
A5
A4
A11
A9
A8
A13
A14
NC
PGM#
VDD
VPP
A16
A15
A12
A7
A6
A5
A4
A11
A9
A8
A13
A14
A17
PGM#
VDD
VPP
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#/VPP
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Standard Pinout
Top View
Die Up
SST27SF256
SST27SF512
SST27SF512
SST27SF010
SST27SF010
SST27SF020
SST27SF020
SST27SF256
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-pin
PDIP
Top View
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
PGM#
NC
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
PGM#
A17
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
502 ILL F02b.1
SST27SF010
SST27SF010
SST27SF020
SST27SF020
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28-pin
PDIP
Top View
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VDD
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
A14
A13
A8
A9
A11
OE#/VPP
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
502 ILL F02a.1
SST27SF512
SST27SF256
SST27SF512
SST27SF256


유사한 부품 번호 - SST27SF512-90-3C-PG

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST27SF512-70-3C-NH SST-SST27SF512-70-3C-NH Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF512-70-3C-NHE SST-SST27SF512-70-3C-NHE Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF512-70-3C-PG SST-SST27SF512-70-3C-PG Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF512-70-3C-PGE SST-SST27SF512-70-3C-PGE Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF512-70-3C-WH SST-SST27SF512-70-3C-WH Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
More results

유사한 설명 - SST27SF512-90-3C-PG

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
   512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
   1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com