전자부품 데이터시트 검색엔진 |
|
SST49LF020 데이터시트(PDF) 4 Page - Silicon Storage Technology, Inc |
|
SST49LF020 데이터시트(HTML) 4 Page - Silicon Storage Technology, Inc |
4 / 38 page 4 Advance Information 2 Megabit LPC Flash SST49LF020 ©2001 Silicon Storage Technology, Inc. S71175-02-000 5/01 526 PARALLEL PROGRAMMING MODE Device Operation Commands are used to initiate the memory operation func- tions of the device. The data portion of the software com- mand sequence is latched on the rising edge of WE#. During the software command sequence the row address is latched on the falling edge of R/C# and the column address is latched on the rising edge of R/C#. Read The Read operation of the SST49LF020 device is con- trolled by OE#. OE# is the output control and is used to gate data from the output pins. Refer to the Read cycle timing diagram, Figure 15, for further details. Reset Driving the RST# low will initiate a hardware reset of the SST49LF020. Byte-Program Operation The SST49LF020 device is programmed on a byte-by-byte basis. The Byte-Program operation is initiated by executing a four-byte-command load sequence for Software Data Pro- tection with address (BA) and data in the last byte sequence. During the Byte-Program operation, the row address (A10-A0) is latched on the falling edge of R/C# and the column address (A21-A11) is latched on the rising edge of R/C#. The data bus is latched on the rising edge of WE#. The Program operation, once initiated, will be completed, within 20 µs. See Figures 7 and 19 for Program operation timing diagram and Figure 31 for its flowchart. During the Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Program operation, the host is free to perform additional tasks. Any commands writ- ten during the internal Program operation will be ignored. Sector-Erase Operation The Sector-Erase operation allows the system to erase the device on a sector-by-sector basis. The sector archi- tecture is based on uniform sector size of 4 KByte. The Sector-Erase operation is initiated by executing a six-byte- command load sequence for Software Data Protection with Sector-Erase command (30H) and sector address (SA) in the last bus cycle. The internal Erase operation begins after the sixth WE# pulse. The End-of-Erase can be determined using either Data# Polling or Toggle Bit methods. See Figure 20 for Sector-Erase timing wave- forms. Any commands written during the Sector-Erase operation will be ignored. Block-Erase Operation The Block-Erase Operation allows the system to erase the device in 16 KByte uniform block size. The Block-Erase operation is initiated by executing a six-byte-command load sequence for Software Data Protection with Block- Erase command (50H) and block address. The internal Block-Erase operation begins after the sixth WE# pulse. The End-of-Erase can be determined using either Data# Polling or Toggle Bit methods. See Figure 21 for Block- Erase timing waveforms. Any commands written during the Block-Erase operation will be ignored. Chip-Erase The SST49LF020 device provides a Chip-Erase operation only in PP Mode, which allows the user to erase the entire memory array to the “1” state. This is useful when the entire device must be quickly erased. The Chip-Erase operation is initiated by executing a six- byte Software Data Protection command sequence with Chip-Erase command (10H) with address 5555H in the last byte sequence. The internal Erase operation begins with the rising edge of the sixth WE#. During the internal Erase operation, the only valid read is Toggle Bit or Data# Polling. See Table 4 for the command sequence, Figure 22 for Chip-Erase timing diagram, and Figure 34 for the flowchart. Any commands written during the Chip-Erase operation will be ignored. Write Operation Status Detection The SST49LF020 device provides two software means to detect the completion of a Write (Program or Erase) cycle, in order to optimize the system write cycle time. The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detection mode is enabled after the rising edge of WE# which initiates the internal Program or Erase operation. The actual completion of the nonvolatile write is asyn- chronous with the system; therefore, either a Data# Poll- ing or Toggle Bit read may be simultaneous with the completion of the Write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. In order to pre- vent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. If both reads are valid, then the device has completed the Write cycle, otherwise the rejection is valid. |
유사한 부품 번호 - SST49LF020 |
|
유사한 설명 - SST49LF020 |