전자부품 데이터시트 검색엔진 |
|
SST89C54 데이터시트(PDF) 7 Page - Silicon Storage Technology, Inc |
|
SST89C54 데이터시트(HTML) 7 Page - Silicon Storage Technology, Inc |
7 / 50 page 7 © 2000 Silicon Storage Technology, Inc. 344-2 8/00 FlashFlex51 MCU SST89C54 / SST89C58 Preliminary Specifications 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 PIN DESCRIPTIONS (CONTINUED) Symbol Type1 Name and Functions PSEN# O/I Program Store Enable: PSEN# is the Read strobe to External Program Memory. When the SST89C54/58 are executing from Internal Program Memory, PSEN# is inactive (high). When the device is executing code from External Program Memory, PSEN# is activated twice each machine cycle, except that two PSEN# activations are skipped during each access to External Data Memory. While the RST input is continually held high (for more than ten machine cycles), a forced high-to-low input transition on the PSEN# pin will bring the device into the “External Host” mode for the internal flash memory programming operation. RST I Reset: A high logic state on this pin for two machine cycles (at least 24 oscillator periods), while the oscillator is running resets the device. After a successful reset is completed, if the PSEN# pin is driven by an input force with a high-to-low transition while the RST input pin is continually held high, the device will enter the “External Host” mode for the internal flash memory programming operation, otherwise the device will enter the “Normal” operation mode. EA# I External Access Enable: EA# must be connected to VSS in order to enable the SST89C54/58 to fetch code from External Program Memory locations starting at 0000h up to FFFFh. Note, however, that if the Security Lock is activated on either block, the logic level at EA# is internally latched during reset. EA# must be connected to VDD for internal program execution. The EA# pin can tolerate a high voltage2 of 12V (see Electrical Specification). ALE/PROG# I/O Address Latch Enable: ALE is the output signal for latching the low byte of the address during accesses to external memory. This pin is also the programming pulse input (PROG#). XTAL1 I Oscillator: Input and output to the inverting oscillator amplifier. XTAL1 is input to XTAL2 O internal clock generation circuits from an external clock source. VDD I Power Supply: Supply voltage during normal, Idle, Power Down, and Standby Mode operations. Vss I Ground: Circuit ground. (0V reference) 344 PGM T1.6 Note: 1 ) I = Input O = Output 2) It is not necessary to receive a 12V programming supply voltage during flash programming. |
유사한 부품 번호 - SST89C54 |
|
유사한 설명 - SST89C54 |