전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST39VF100-45-4I-WK 데이터시트(PDF) 4 Page - Silicon Storage Technology, Inc

부품명 SST39VF100-45-4I-WK
상세설명  1 Mbit (64K x16) Multi-Purpose Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF100-45-4I-WK 데이터시트(HTML) 4 Page - Silicon Storage Technology, Inc

  SST39VF100-45-4I-WK Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF100-45-4I-WK Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF100-45-4I-WK Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF100-45-4I-WK Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF100-45-4I-WK Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF100-45-4I-WK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF100-45-4I-WK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF100-45-4I-WK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF100-45-4I-WK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Data Sheet
1 Mbit Multi-Purpose Flash
SST39LF100 / SST39VF100
©2001 Silicon Storage Technology, Inc.
S71129-02-000
6/01
363
FIGURE 1: PIN ASSIGNMENTS FOR 40-LEAD TSOP AND 48-BALL TFBGA
Y-Decoder
I/O Buffers and Data Latches
363 ILL B1.2
Address Buffer & Latches
X-Decoder
DQ15 - DQ0
A0-A15
OE#
CE#
WE#
SuperFlash
Memory
Control Logic
FUNCTIONAL BLOCK DIAGRAM
A9
A10
A11
A12
A13
A14
A15
NC
WE#
VDD
NC
CE#
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VSS
A8
A7
A6
A5
A4
A3
A2
A1
A0
OE#
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
VSS
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
363 ILL F01.3
Standard Pinout
Top View
Die Up
SST39LF100/SST39VF100
A13
A9
WE#
NC
A7
A3
A12
A8
NC
NC
NC
A4
A14
A10
NC
NC
A6
A2
A15
A11
NC
NC
A5
A1
NC
DQ7
DQ5
DQ2
DQ0
A0
NC
DQ14
DQ12
DQ10
DQ8
CE#
DQ15
DQ13
VDD
DQ11
DQ9
OE#
VSS
DQ6
DQ4
DQ3
DQ1
VSS
SST39LF/VF100
TOP VIEW (balls facing down)
6
5
4
3
2
1
A
B
C
D
E
F
G
H


유사한 부품 번호 - SST39VF100-45-4I-WK

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF160 SST-SST39VF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39VF160 SST-SST39VF160 Datasheet
252Kb / 23P
   16 Megabit (1M x 16-Bit) Multi-Purpose Flash
SST39VF160-55-4C-B3K SST-SST39VF160-55-4C-B3K Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39VF160-55-4C-EK SST-SST39VF160-55-4C-EK Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39VF160-55-4I-B3K SST-SST39VF160-55-4I-B3K Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
More results

유사한 설명 - SST39VF100-45-4I-WK

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST39VF320 SST-SST39VF320 Datasheet
384Kb / 24P
   32 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39LF160 SST-SST39LF160 Datasheet
306Kb / 26P
   16 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com